전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 31Page - STMicroelectronics STA1295 Datasheet HTML 32Page - STMicroelectronics STA1295 Datasheet HTML 33Page - STMicroelectronics STA1295 Datasheet HTML 34Page - STMicroelectronics STA1295 Datasheet HTML 35Page - STMicroelectronics STA1295 Datasheet HTML 36Page - STMicroelectronics STA1295 Datasheet HTML 37Page - STMicroelectronics STA1295 Datasheet HTML 38Page - STMicroelectronics STA1295 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
DS12586 Rev 5
35/109
STA1295, STA1275
Package pinouts and signal description
106
CAN2_RX
S_GPIO3
E6
I
VIO
CAN2. Receive signal line.
S_GPIO13
W19
CAN2_TX
S_GPIO7
A6
O
VIO
CAN2. Transmit signal line.
S_GPIO12
W22
I2C0_SCL
S_GPIO11
B7
OVIO
I2C0. Clock line.
It needs an external Pull-up.
M3_GPIO13
B8
I2C0_SDA
S_GPIO10
B6
I/O
VIO
I2C0. Data line.
It needs an external Pull-up.
M3_GPIO12
D9
I2C1_SCL
GPIO34
C6
OVIO
I2C1. Clock line.
It needs an external Pull-up.
GPIO47
E19
GPIO50
A14
I2C1_SDA
GPIO35
B4
I/O
VIO
I2C1. Data line.
It needs an external Pull-up.
GPIO46
E20
GPIO49
A13
I2C2_SCL
GPIO14
AA23
OVIO
I2C2. Clock line.
It needs an external Pull-up.
GPIO71
AC18
GPIO105
B13
GPIO115
F1
I2C2_SDA
GPIO15
T22
I/O
VIO
I2C2. Data line.
It needs an external Pull-up.
GPIO72
Y17
GPIO104
D12
GPIO114
E5
SPI0_SCK
S_GPIO8
A7
I/O
VIO
SPI0. Clock signal line.
SPI0_SS
S_GPIO9
A8
I/O
VIO
SPI0. Frame signal line.
SPI0_RXD
S_GPIO2
F20
I
VIO
SPI0. Receive data line.
S_GPIO7
A6
SPI0_TXD
S_GPIO4
D7
O
VIO
SPI0. Transmit data line.
S_GPIO6
B5
SPI1_SCK
GPIO37
A5
I/O
VIO
SPI1. Clock signal line.
GPIO70
AB18
SPI1_SS
GPIO34
C6
I/O
VIO
SPI1. Frame signal.
GPIO69
AA18
SPI1_RXD
GPIO36
C7
I
VIO
SPI1. Receive data line.
GPIO68
Y18
Table 19. Peripherals signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More