전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 23Page - STMicroelectronics STA1295 Datasheet HTML 24Page - STMicroelectronics STA1295 Datasheet HTML 25Page - STMicroelectronics STA1295 Datasheet HTML 26Page - STMicroelectronics STA1295 Datasheet HTML 27Page - STMicroelectronics STA1295 Datasheet HTML 28Page - STMicroelectronics STA1295 Datasheet HTML 29Page - STMicroelectronics STA1295 Datasheet HTML 30Page - STMicroelectronics STA1295 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
DS12586 Rev 5
27/109
STA1295, STA1275
Package pinouts and signal description
106
3
Package pinouts and signal description
3.1
STA1275 and STA1295 signal description
Table 13. Debug signals
Name
GPIOs
BALLs DIR
Power
domain
Description
STM_D0
GPIO40
C20
I/O
VIO
TPIU: TPIU data line 0
GPIO55
C15
STM_D1
GPIO41
C21
I/O
VIO
TPIU: TPIU data line 1
GPIO56
C16
STM_D2
GPIO42
C22
I/O
VIO
TPIU: TPIU data line 2
GPIO57
A16
STM_D3
GPIO43
C23
I/O
VIO
TPIU: TPIU data line 3
GPIO58
B18
STM_CTL
GPIO49
A13
O
VIO
TPIU: TPIU control line
GPIO59
A17
STM_CLK
GPIO50
A14
O
VIO
TPIU: TPIU clock line
GPIO60
B17
ETM_CTL
GPIO14
AA23
OVIO
ETM. ETM control line.
This signal indicates whether trace can be
stored this cycle, in conjunction with
TRACEDATA[0]. This signal does not have to
be stored.
GPIO73
AA17
GPIO106
D13
ETM_CLK
GPIO13
C18
OVIO
ETM. TRACE clock output.
The trace port must be sampled on both edges
of this clock. There is no requirement for this to
be linked to the core clock.
GPIO72
Y17
GPIO105
B13
ETM_D0
GPIO0
B21
O
VIO
ETM. TRACEDATA0.
GPIO74
AB17
GPIO92
A10
ETM_D1
GPIO1
B22
O
VIO
ETM. TRACEDATA1.
GPIO75
AC17
GPIO93
C10
ETM_D10
GPIO10
A20
O
VIO
ETM. TRACEDATA10.
GPIO84
Y14
GPIO102
D11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More