전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 20Page - STMicroelectronics STA1295 Datasheet HTML 21Page - STMicroelectronics STA1295 Datasheet HTML 22Page - STMicroelectronics STA1295 Datasheet HTML 23Page - STMicroelectronics STA1295 Datasheet HTML 24Page - STMicroelectronics STA1295 Datasheet HTML 25Page - STMicroelectronics STA1295 Datasheet HTML 26Page - STMicroelectronics STA1295 Datasheet HTML 27Page - STMicroelectronics STA1295 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
System description
STA1295, STA1275
24/109
DS12586 Rev 5
2.17.2
Secure GPIO alternate function mapping
Note:
All GPIOs pins are configured by default at reset in GPIO input mode.
2.17.3
Cortex® M3 GPIO alternate function mapping
Table 11. Secure GPIO alternate function mapping
GPIO
ALT A
ALT B
ALT C
S_GPIO0
EFT3_ICAP1
EFT3_OCMP0
CAN1_RX
S_GPIO1
EFT3_ICAP0
EFT3_OCMP1
CAN1_TX
S_GPIO2
EFT4_ICAP0
SPI0_RXD
EFT4_EXTCK
S_GPIO3
EFT4_ICAP1
EFT4_OCMP0
CAN2_RX
S_GPIO4
EFT3_OCMP0
SPI0_TXD
EFT3_EXTCK
S_GPIO5
EFT3_ICAP1
EFT4_OCMP0
EFT3_OCMP1
S_GPIO6
SPI0_TXD
EFT4_ICAP0
EFT4_EXTCK
S_GPIO7
SPI0_RXD
EFT4_OCMP1
CAN2_TX
S_GPIO8
SPI0_SCK
—
—
S_GPIO9
SPI0_SS
—
—
S_GPIO10
I2C0_SDA
EFT4_ICAP1
—
S_GPIO11
I2C0_SCL
EFT4_OCMP1
—
S_GPIO12
UART0_RX
CAN2_TX
—
S_GPIO13
UART0_TX
CAN2_RX
—
S_GPIO14
UART0_CTS
EFT4_ICAP1
—
S_GPIO15
UART0_RTS
EFT4_OCMP1
—
Table 12. Cortex® M3 GPIO alternate function mapping
GPIO
ALT A
ALT B
ALT C
BOOTSTRAP
M3_GPIO0_WAKE0
—
—
—
—
M3_GPIO1_WAKE1
—
—
—
—
M3_GPIO2_WAKE2
—
—
—
—
M3_GPIO3_WAKE3
—
—
—
—
M3_GPIO4_WAKE4
—
—
—
—
M3_GPIO5_WAKE5
—
—
—
—
M3_GPIO6_WAKE6
—
—
—
—
M3_GPIO7_WAKE7
—
—
—
—
M3_GPIO8
CAN0_TX
—
—
—
M3_GPIO9
CAN0_RX
—
—
—
M3_GPIO10
UART0_RX
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More