전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 66 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 66 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 62Page - STMicroelectronics STA1295 Datasheet HTML 63Page - STMicroelectronics STA1295 Datasheet HTML 64Page - STMicroelectronics STA1295 Datasheet HTML 65Page - STMicroelectronics STA1295 Datasheet HTML 66Page - STMicroelectronics STA1295 Datasheet HTML 67Page - STMicroelectronics STA1295 Datasheet HTML 68Page - STMicroelectronics STA1295 Datasheet HTML 69Page - STMicroelectronics STA1295 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
66/109
DS12586 Rev 5
U16
VDD_IO_3V3
—
—
U17
ARM_VDD
—
—
U18
ARM_VDD
—
—
U19
ARM_VDD
—
—
U20
M3_GPIO0_WAKE0
PD
2
U21
M3_GPIO1_WAKE1
PD
2
U22
M3_VDDOK
—
—
U23
M3_LVI
—
—
V1
GND
—
—
V2
DDR_BA0
—
—
V3
DDR_BA1
—
—
V4
DDR_AD0
—
—
V5
DDR_DTO_0
—
—
V6
DDR_AD15
—
—
V7
PLL_VDD
—
—
V8
PLL_VSS
—
—
V9
VREF
—
—
V10
VDDQ
—
—
V11
GND
—
—
V12
GND
—
—
V13
VDD_IO_3V3
—
—
V14
VDD_IO_3V3
—
—
V15
VDD_IO_3V3
—
—
V16
XOSC_GND
—
—
V17
COMP2
—
—
V18
GNDBGCOMP2
—
—
V19
ADC3_AIN3
—
—
V20
M3_GPIO2_WAKE2
PD
2
V21
M3_GPIO4_WAKE4
PD
2
V22
M3_PWREN
—
—
V23
M3_GPIO6_WAKE6
PD
2
W1
DDR_CK
—
—
W2
DDR_CKn
—
—
W3
GND
—
—
W4
DDR_AD12
—
—
Table 27. STA1275 and STA1295 ball list (continued)
Ball
Signal
Pull up/down
Driving strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More