전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 79 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 79 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 75Page - STMicroelectronics STA1295 Datasheet HTML 76Page - STMicroelectronics STA1295 Datasheet HTML 77Page - STMicroelectronics STA1295 Datasheet HTML 78Page - STMicroelectronics STA1295 Datasheet HTML 79Page - STMicroelectronics STA1295 Datasheet HTML 80Page - STMicroelectronics STA1295 Datasheet HTML 81Page - STMicroelectronics STA1295 Datasheet HTML 82Page - STMicroelectronics STA1295 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
DS12586 Rev 5
79/109
STA1295, STA1275
Electrical characteristics
106
Cortex-A7 CPUs
100%
557
253
73
93
40
13
—
1513.35
Video play from
USB (WVGA
LCD) + graphic
animation
700
80
82
180
25
19
—
1594.8
1. PMU only, with RTC disabled
2. PMU only, with RTC enabled.
3. Smartphone is plugged to evaluation board via USB; Smartphone mirroring software is activated and MP3 is played from
smartphone.
4. Video is being read from USB key connected to USB0, video decoding at 720p is run and LCD is used (1280x800 HD - 10
inch display).
Table 35. Accordo5 - STA1295 - current consumption (continued)
Use case
I_VDD
(mA)
I_ARM_
VDD
(mA)
I_VDDIO_
3V3 (mA)
I_VDDQ
(mA)
I_AVDD
(mA)
I_USB
(mA)
I_VDD_
IO_ON
(uA)
TOTAL
POWER
(mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More