전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 29Page - STMicroelectronics STA1295 Datasheet HTML 30Page - STMicroelectronics STA1295 Datasheet HTML 31Page - STMicroelectronics STA1295 Datasheet HTML 32Page - STMicroelectronics STA1295 Datasheet HTML 33Page - STMicroelectronics STA1295 Datasheet HTML 34Page - STMicroelectronics STA1295 Datasheet HTML 35Page - STMicroelectronics STA1295 Datasheet HTML 36Page - STMicroelectronics STA1295 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
DS12586 Rev 5
33/109
STA1295, STA1275
Package pinouts and signal description
106
Table 18. Digital audio signals
Name
GPIOs
BALLs DIR
Power
domain
Description
I2S0_BCLK
GPIO22
AB20
I/O
VIO
I2S0 (MSP0). Bit clock line.
I2S2_BCLK
GPIO16
R22
I/O
VIO
I2S2 (MSP2). Bit clock line.
GPIO119
E4
GPIO127
C2
SAI1_BCLK
GPIO19
P22
I
VIO
Serial Audio Interface 1.
Bit Clock line.
Slave only configuration.
SAI2_BCLK
GPIO16
R22
I
VIO
Serial Audio Interface 2.
Bit clock line.
Slave only configuration.
AUDIO_REFCLK GPIO7
T23
I/O
VIO
Audio Master Clock.
Input: it can be used as master audio clock
for MSP peripherals.
Output: audio master clock.
I2S0_FS
GPIO23
Y20
I/O
VIO
I2S0 (MSP0). Frame Synchronization line.
I2S2_FS
GPIO17
Y23
I/O
VIO
I2S2 (MSP2). Frame Synchronization line.
GPIO118
E1
GPIO126
D4
SAI1_FS
GPIO20
R21
I
VIO
Serial Audio Interface 1.
Frame synchronization line.
Slave only configuration.
SAI2_FS
GPIO17
Y23
I
VIO
Serial Audio Interface 2.
Frame synchronization line.
Slave only configuration.
I2S0_RX
GPIO25
W21
I
VIO
I2S0 (MSP0). Receive data line.
I2S2_RX
GPIO18
R23
I
VIO
I2S2 (MSP2). Receive data line.
GPIO117
E3
GPIO124
D2
SAI1_RX
GPIO21
P23
I
VIO
Serial Audio Interface 1. Receive data line.
SAI2_RX/TX
GPIO18
R23
I/O
VIO
Serial Audio Interface 2. Receive/transmit
data line.
SPDIF_RX
GPIO18
R23
I
VIO
SPIDIF. Data input line.
I2S0_TX
GPIO24
Y21
O
VIO
I2S0 (MSP0). Transmit data line.
I2S2_TX
GPIO7
T23
O
VIO
I2S2 (MSP2). Transmit data line.
GPIO116
C4
GPIO123
D1
SAI2_TX
GPIO7
T23
O
VIO
Serial Audio Interface 2. Transmit data line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More