전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 38Page - STMicroelectronics STA1295 Datasheet HTML 39Page - STMicroelectronics STA1295 Datasheet HTML 40Page - STMicroelectronics STA1295 Datasheet HTML 41Page - STMicroelectronics STA1295 Datasheet HTML 42Page - STMicroelectronics STA1295 Datasheet HTML 43Page - STMicroelectronics STA1295 Datasheet HTML 44Page - STMicroelectronics STA1295 Datasheet HTML 45Page - STMicroelectronics STA1295 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
42/109
DS12586 Rev 5
Table 24. Ethernet Mac interface
Name
GPIOs
BALLs DIR
Power
domain
Description
ETH_TXEN
GPIO116
C4
O
VIO
RGMII: TX_CTL
RMII: TX_EN
ETH_TX[0]
GPIO117
E3
O
VIO
Transmit data line 0
ETH_TX[1]
GPIO118
E1
O
VIO
Transmit data line 1
ETH_TX[2]
GPIO123
D1
O
VIO
Transmit data line 2. Used only in RGMII
mode.
ETH_TX[3]
GPIO124
D2
O
VIO
Transmit data line 2. Used only in RGMII
mode.
ETH_RXDV_CRS
GPIO119
E4
I
VIO
RMII mode: RX_ CRS/DV
RGMII mode: RX_CTL
ETH_RX[0]
GPIO120
B3
I
VIO
Receive data line 0
ETH_RX[1]
GPIO121
E2
I
VIO
Receive data line 1
ETH_RX[2]
GPIO125
C1
I
VIO
Receive data line 2. Used only in RGMII
mode.
ETH_RX[3]
GPIO126
D4
I
VIO
Receive data line 3. Used only in RGMII
mode.
ETH_MDIO
GPIO38
B1
I/O
VIO
Management interface Data line
GPIO114
E5
ETH_MDC
GPIO39
B2
O
VIO
Management interface Clock line
GPIO115
F1
ETH_RMII_CLK
GPIO122
D3
I
VIO
RMII mode only: Reference clock
ETH_MII_TX_CLK GPIO127
C2
O
VIO
RGMII mode only: Transmit clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More