전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 22Page - STMicroelectronics STA1295 Datasheet HTML 23Page - STMicroelectronics STA1295 Datasheet HTML 24Page - STMicroelectronics STA1295 Datasheet HTML 25Page - STMicroelectronics STA1295 Datasheet HTML 26Page - STMicroelectronics STA1295 Datasheet HTML 27Page - STMicroelectronics STA1295 Datasheet HTML 28Page - STMicroelectronics STA1295 Datasheet HTML 29Page - STMicroelectronics STA1295 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
System description
STA1295, STA1275
26/109
DS12586 Rev 5
2.20
Watchdog and timers
2.20.1
Cortex® A7
It has the following features:
•
2x MTU timers each providing access to four programmable 32-bit Free-Running
decrementing Counters (FRCs)
•
1x Watchdog (WDT) unit that provides a way to recover from software crashes
•
1x RTC counter clocked with 32 kHz oscillator
2.20.2
Cortex® M3
It has the following features:
•
1x MTU timers providing access to four programmable 32-bit Free-Running
decrementing Counters (FRCs)
•
1x Watchdog (WDT) unit that provides a way to recover from software crashes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More