전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 11Page - STMicroelectronics STA1295 Datasheet HTML 12Page - STMicroelectronics STA1295 Datasheet HTML 13Page - STMicroelectronics STA1295 Datasheet HTML 14Page - STMicroelectronics STA1295 Datasheet HTML 15Page - STMicroelectronics STA1295 Datasheet HTML 16Page - STMicroelectronics STA1295 Datasheet HTML 17Page - STMicroelectronics STA1295 Datasheet HTML 18Page - STMicroelectronics STA1295 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 109 page
background image
DS12586 Rev 5
15/109
STA1295, STA1275
System description
106
2.10
Multi-format video decoder
The embedded video decoder is capable of decoding the following formats, with minimal
CPU load:
•
H.264 baseline, main and high profiles, levels 1–4.1
•
SVC scalable baseline and high profiles, base layer only
•
MPEG-4 simple and advanced simple profiles, levels 0–5
•
H.263 Profile 0, levels 10–70
•
Sorenson Spark–WMV9 / VC-1 simple, main and advanced profile, levels 0–3
•
MPEG-1 and 2 main profile, levels low, medium and high–RealVideo8/9/10
•
DivX®3/4/5/6 support – Home Theatre Profile Qualification
•
On2 VP6, VP7 and VP8, Versions 0–3
•
AVS JizhunProfile–JPEG, all common sampling formats
Along with video decoding features, the video decoder also implements video post
processing functionality such as:
•
Re-scaling, with high quality filtering
•
Color conversion
•
Gamma correction
•
Dithering
•
Image cropping
•
Digital zoom
•
Horizontal/vertical flip
2.11
Sound subsystem
STA1275 and STA1295 implement a sound subsystem which allows to efficiently handle
sound processing tasks, such as spatialization and equalization, without loading the main
CPU with interrupt intensive tasks. The sound subsystem is composed of a set of audio
interfaces, an isochronous bus, a DSP delivering 450 MIPS, and a 3 stereo channels
sample rate converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More