전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56367 데이터시트(PDF) 53 Page - Freescale Semiconductor, Inc

부품명 DSP56367
상세설명  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 데이터시트(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
External Memory Expansion Port (Port A)
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-29
Figure 3-17 DRAM Refresh Access
3.10.3
Arbitration Timings
Table 3-14
Asynchronous Bus Arbitration Timing1, 2, 3
1 Bit 13 in the OMR register must be set to enter Asynchronous Arbitration mode.
2 If Asynchronous Arbitration mode is active, none of the timings in Table 3-14 is required.
3 In order to guarantee timings 250, and 251, it is recommended to assert BG inputs to different 56300 devices (on the same
bus) in a non overlap manner as shown in
Figure 3-18.
No.
Characteristics
Expression
150 MHz
Unit
Min
Max
250
BB assertion window from BG input negation.
2 .5* Tc + 5
21.7
ns
251
Delay from BB assertion to BG assertion
2 * Tc + 5
18.3
ns
RAS
CAS
WR
157
163
162
162
190
170
165
189
177
AA0478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com