전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56367 데이터시트(PDF) 55 Page - Freescale Semiconductor, Inc

부품명 DSP56367
상세설명  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 데이터시트(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
Parallel Host Interface (HDI08) Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-31
3.11
Parallel Host Interface (HDI08) Timing
Table 3-15
Host Interface (HDI08) Timing1, 2, 3
No.
Characteristics
Expression
150 MHz
Unit
Min
Max
317
Read data strobe assertion width4
HACK read assertion width
TC + 9.9
16.7
ns
318
Read data strobe deassertion width4
HACK read deassertion width
—9.9
ns
319
Read data strobe deassertion width4 after “Last Data Register” reads5
, 6, or
between two consecutive CVR, ICR, or ISR reads7
HACK deassertion width after “Last Data Register” reads5, 6
2.5
× TC + 6.6
23.3
ns
320
Write data strobe assertion width8
HACK write assertion width
13.2
ns
321
Write data strobe deassertion width8
HACK write deassertion width
• after ICR, CVR and “Last Data Register” writes5
• after IVR writes, or
• after TXH:TXM writes (with HBE=0), or
• after TXL:TXM writes (with HBE=1)
2.5
× TC + 6.6
23.3
16.5
ns
322
HAS assertion width
9.9
ns
323
HAS deassertion to data strobe assertion9
—0.0
ns
324
Host data input setup time before write data strobe deassertion8
Host data input setup time before HACK write deassertion
—9.9
ns
325
Host data input hold time after write data strobe deassertion8
Host data input hold time after HACK write deassertion
—3.3
ns
326
Read data strobe assertion to output data active from high impedance4
HACK read assertion to output data active from high impedance
—3.3
ns
327
Read data strobe assertion to output data valid4
HACK read assertion to output data valid
24.2
ns
328
Read data strobe deassertion to output data high impedance4
HACK read deassertion to output data high impedance
——
9.9
ns
329
Output data hold time after read data strobe deassertion4
Output data hold time after HACK read deassertion
—3.3
ns
330
HCS assertion to read data strobe deassertion4
TC +9.9
16.7
ns
331
HCS assertion to write data strobe deassertion8
—9.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com