전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56367 데이터시트(PDF) 56 Page - Freescale Semiconductor, Inc

부품명 DSP56367
상세설명  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 데이터시트(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Parallel Host Interface (HDI08) Timing
DSP56367 Technical Data, Rev. 2.1
3-32
Freescale Semiconductor
332
HCS assertion to output data valid
19.1
ns
333
HCS hold time after data strobe deassertion9
—0.0
ns
334
Address (AD7–AD0) setup time before HAS deassertion (HMUX=1)
4.7
ns
335
Address (AD7–AD0) hold time after HAS deassertion (HMUX=1)
3.3
ns
336
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W setup time before data
strobe assertion9
•Read
• Write
—0
4.7
ns
337
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W hold time after data strobe
deassertion9
—3.3
ns
338
Delay from read data strobe deassertion to host request assertion for “Last
Data Register” read4, 5, 10
TC
6.7
ns
339
Delay from write data strobe deassertion to host request assertion for “Last
Data Register” write5, 8, 10
2
× TC
13.4
ns
340
Delay from data strobe assertion to host request deassertion for “Last Data
Register” read or write (HROD = 0)5, 9, 10
19.1
ns
341
Delay from data strobe assertion to host request deassertion for “Last Data
Register” read or write (HROD = 1, open drain Host Request)5, 9, 10, 11
300.0
ns
342
Delay from DMA HACK deassertion to HOREQ assertion
• For “Last Data Register” read5
• For “Last Data Register” write5
• For other cases
2
× TC + 19.1
1.5
× TC + 19.1
32.5
29.2
0.0
ns
343
Delay from DMA HACK assertion to HOREQ deassertion
•HROD = 05
20.2
ns
344
Delay from DMA HACK assertion to HOREQ deassertion for “Last Data
Register” read or write
• HROD = 1, open drain Host Request5, 11
300.0
ns
1 See Host Port Usage Considerations in the DSP56367 User’s Manual.
2 In the timing diagrams below, the controls pins are drawn as active low. The pin polarity is programmable.
3 V
CC = 1.8 V ± 5%; TJ = –40°C to +95°C, CL = 50 pF
4 The read data strobe is HRD in the dual data strobe mode and HDS in the single data strobe mode.
5 The “last data register” is the register at address $7, which is the last location to be read or written in data transfers.
6 This timing is applicable only if a read from the “last data register” is followed by a read from the RXL, RXM, or RXH registers
without first polling RXDF or HREQ bits, or waiting for the assertion of the HOREQ signal.
7 This timing is applicable only if two consecutive reads from one of these registers are executed.
8 The write data strobe is HWR in the dual data strobe mode and HDS in the single data strobe mode.
Table 3-15
Host Interface (HDI08) Timing1, 2, 3 (continued)
No.
Characteristics
Expression
150 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com