전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 106 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 106 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 101Page - STMicroelectronics STA1295 Datasheet HTML 102Page - STMicroelectronics STA1295 Datasheet HTML 103Page - STMicroelectronics STA1295 Datasheet HTML 104Page - STMicroelectronics STA1295 Datasheet HTML 105Page - STMicroelectronics STA1295 Datasheet HTML 106Page - STMicroelectronics STA1295 Datasheet HTML 107Page - STMicroelectronics STA1295 Datasheet HTML 108Page - STMicroelectronics STA1295 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
Ordering information
STA1295, STA1275
106/109
DS12586 Rev 5
6
Ordering information
Part numbers / sales codes are composed as follows:
•
STA
•
Root
•
Freq
•
Sec
•
Grade
•
Pack
Table 75. Order codes description
[Root]
Root code
[Freq]
Cortex® A7
frequency
[Sec]
Security
[Grade]
Qualification
grade
[Pack]
Packing
1275
(single core Cortex® A7,
16bit DDR3)
E = Eco (650 MHz)
L = Locked(1)
1. JTAG locked, secure boot enabled.
A = Automotive
[empty] = Tray
1295
(dual core Cortex® A7,
32bit DDR3)
O = Open(2)
2. JTAG open, secure boot disabled.
TR = Tape&Reel
U = Unsecure(3)
3. JTAG locked, secure boot disabled.
Note:
Contact your ST sales office to ask for the availability of a particular
commercial product. Features (for instance, single/dual core, security
open/locked) which are not included in the commercial product, cannot be
used.
ST cannot be called to take any liability for features used outside the
commercial product.
Part number example: STA1295EOA
1295
E = Eco (650 MHz)
O = Open
A = Automotive
[empty] = Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More