전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 18 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 18 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 14Page - EAO AG. 704.950.0... Datasheet HTML 15Page - EAO AG. 704.950.0... Datasheet HTML 16Page - EAO AG. 704.950.0... Datasheet HTML 17Page - EAO AG. 704.950.0... Datasheet HTML 18Page - EAO AG. 704.950.0... Datasheet HTML 19Page - EAO AG. 704.950.0... Datasheet HTML 20Page - EAO AG. 704.950.0... Datasheet HTML 21Page - EAO AG. 704.950.0... Datasheet HTML 22Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
04
Devices raised mounting
16
07.2010
Essential Accessories:
d Flasher element page 50
d Single-LED page 58
Continuation see next page
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Flasher front illumination
Frontbezel/-ring
Lens
b 30 x 30 mm
Typ-Nr.
Ø 29 mm
Typ-Nr.
e
Flasher front illumination
Filament lamp or LED
Marking plate white translucent
IP 65
Plastic black
Plastic blue
704.206.6
704.006.6
5
7
5
0.050
Plastic colourless
704.206.7
704.006.7
5
7
5
0.050
Plastic green
704.206.5
704.006.5
5
7
5
0.050
Plastic red
704.206.2
704.006.2
5
7
5
0.050
Plastic yellow
704.206.4
704.006.4
5
7
5
0.050
Plastic grey
Plastic blue
704.202.6
704.002.6
5
7
5
0.050
Plastic colourless
704.202.7
704.002.7
5
7
5
0.050
Plastic green
704.202.5
704.002.5
5
7
5
0.050
Plastic red
704.202.2
704.002.2
5
7
5
0.050
Plastic yellow
704.202.4
704.002.4
5
7
5
0.050
Marking plate colourless transparent ribbed
IP 65
Plastic black
Plastic blue
704.207.6
704.007.6
5
7
5
0.050
Plastic colourless
704.207.7
704.007.7
5
7
5
0.050
Plastic green
704.207.5
704.007.5
5
7
5
0.050
Plastic red
704.207.2
704.007.2
5
7
5
0.050
Plastic yellow
704.207.4
704.007.4
5
7
5
0.050
Plastic grey
Plastic blue
704.203.6
704.003.6
5
7
5
0.050
Plastic colourless
704.203.7
704.003.7
5
7
5
0.050
Plastic green
704.203.5
704.003.5
5
7
5
0.050
Plastic red
704.203.2
704.003.2
5
7
5
0.050
Plastic yellow
704.203.4
704.003.4
5
7
5
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com