전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 62 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 62 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 58Page - EAO AG. 704.950.0... Datasheet HTML 59Page - EAO AG. 704.950.0... Datasheet HTML 60Page - EAO AG. 704.950.0... Datasheet HTML 61Page - EAO AG. 704.950.0... Datasheet HTML 62Page - EAO AG. 704.950.0... Datasheet HTML 63Page - EAO AG. 704.950.0... Datasheet HTML 64Page - EAO AG. 704.950.0... Datasheet HTML 65Page - EAO AG. 704.950.0... Datasheet HTML 66Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
60
07.2010
04
Accessories
>
front panel thickness 3 mm max.
Continuation see next page
use only for Typ-Nr. 704.064.2 und 704.066.2
Continuation see next page
The protection ring is not suitable for a proper use of Emergency-stop pushbutton. It can obstruct a spontaneous operation
of the Emergency-stop pushbutton.
Technical drawing from page 95
Bottom grey similar RAL 7035; cover lead-sealable, yellow similar RAL 1004
Continuation see next page
Openings for cable gland M16 or M20.
Protection class IP 66.
Technical drawing from page 95
Emergency-stop pushbutton
Emergency-stop label
Marking
Typ-Nr.
e
Emergency-stop label
60 mm dia., yellow, Mounting hole size 22.5 mm dia.
ARRET D'URGENCE
704.963.7
0.011
EMERGENCY STOP
704.963.6
0.011
NOT AUS
704.963.5
0.011
NOT HALT
704.963.8
0.011
90 mm dia., yellow, Mounting hole size 22.5 mm dia.
ARRET D'URGENCE
704.963.2
0.011
EMERGENCY STOP
704.963.1
0.011
NOT AUS
704.963.0
0.011
NOT HALT
704.963.3
0.011
Emergency-stop protective shroud
Typ-Nr.
e
Emergency-stop protective shroud
Plastic yellow, 50 mm dia., IP 65
704.927.8
58
0.024
Plastic yellow, 50 mm dia., IP 65, SEMI S2-93/12.4.c
704.927.9
59
0.052
Emergency-stop enclosures
Dimension
Typ-Nr.
e
Emergency-stop enclosures
with mounting hole size 22.5 mm dia., with anti-twist device
L 65 mm, W 65 mm, H 81 mm
704.945.7
61
0.127
L 94 mm, W 65 mm, H 81 mm
704.945.8
62
0.157
L 94 mm, W 94 mm, H 81 mm
704.945.0
63
0.195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com