전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 79 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 79 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 75Page - EAO AG. 704.950.0... Datasheet HTML 76Page - EAO AG. 704.950.0... Datasheet HTML 77Page - EAO AG. 704.950.0... Datasheet HTML 78Page - EAO AG. 704.950.0... Datasheet HTML 79Page - EAO AG. 704.950.0... Datasheet HTML 80Page - EAO AG. 704.950.0... Datasheet HTML 81Page - EAO AG. 704.950.0... Datasheet HTML 82Page - EAO AG. 704.950.0... Datasheet HTML 83Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 130 page
background image
77
07.2010
04
Technical Data
Switching system
The double-break, snap-action switching element is equipped with
one or two independent contact systems, acting as normally open
or normally closed contact. The snap-action switching element is
fitted with self-cleaning contacts.
Up to three switching elements can be snapped to each actuator.
Snap-action switching elements are not permissible for emergency-
stop pushbuttons!
Material
Material of contact
Hardsilver, gold-silver, silver-palladium (for aggressive
atmospheres)
Switch housing
Polycarbonate (PC)
Mechanical characteristics
Terminals
Screw terminals
Plug-in terminals 6.3 x 0.8 mm
max. wire cross-section 2 x 2.5 mm²
max. wire cross-section of stranded cable 2 x 1.5 mm²
For switches with plug-in terminals it is necessary to provide
insulation sleeves and to maintain a spacing of 65 mm between
rows (mounting dimensions)
Tightening torque
Screws at the mounting flange max. 25 Ncm
Screws at switching element max. 50 Ncm
Actuating force
1 Normally closed 1.9 N
1 Normally open 2 N
Actuating travel
5.8 mm
± 0.2 mm
Rebound time
≤3 ms
Mechanical lifetime
(with 1 switching element)
0
Electrical characteristics
Standards
The switches comply with the "Standards for low-voltage switching
devices" EN IEC 60947-5-1
Rated Insulation Voltage Ui
500 VAC / 600 VDC, as per EN IEC 60947-5-1
Contact resistance
New state
≤50 mΩ as per DIN IEC 60512-2-4
Isolation resistance
≥10 MΩ between open contacts at 500 VDC, as per DIN IEC 60512-
2-10
Electrical life
50 000 cycles of operations
Conventional free air thermal current Ith
10 A, as per EN IEC 60947-5-1
the maximum current in continuous operation and at ambient
temperature must not exceed the quoted maximum values.
Switch rating
At switch rating AC for gold-silver, silver-palladium and hardsilver
contacts, service category AC-15, as per EN IEC 60947-5-1 (cos
φ
0.3)
0
At switch rating DC for gold-silver and hardsilver contacts, service
category DC-13, as per EN IEC 60947-5-1
0
Recommended minimum operational data
Gold-silver contacts:
0
Hardsilver contacts:
0
Protection class
Indicators and switches, fit for mounting into devices with protection
class II
Environmental conditions
Storage temperature
-40 °C ... +85 °C
Operating temperature
-40 °C ... +55 °C
Protection degree
IP 20
Shock resistance
(single impacts, semi-sinusoidal)
300 m/s²puls width 11 ms, as per EN IEC 60068-2-27
Vibration resistance
(sinusoidal)
100 m/s² at 10 Hz ... 500 Hz, amplitude 0,75 mm, as per EN IEC
60068-2-6
Approvals
Approbations
CB (IEC 60947)
CCC
CSA
Germanischer Lloyd
GOST
NFF 16-102
SEV
UL
Snap-action switching element
Pushbutton maintained action
1.5 million
Cycles of operation
Pushbutton momentary action
3 million
Cycles of operation
Selector switch maintained action 1.25 million Cycles of operation
Selector switch momentary action 2.5 million
Cycles of operation
Keylock switch maintained action 25 000
Cycles of operation
Keylock switch momentary action 50 000
Cycles of operation
Voltage
230 VAC
400 VAC
500 VAC
Current
6 A
4 A
2.5 A
Voltage
24 VDC
60 VDC
110 VDC
Current
10 A
3 A
1 A
Voltage
5 VDC
24 VDC
110 VDC
Current
15 mA
5 mA
2 mA
Voltage
24 VDC
110 VDC
Current
50 mA
10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com