전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 73 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 73 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 69Page - EAO AG. 704.950.0... Datasheet HTML 70Page - EAO AG. 704.950.0... Datasheet HTML 71Page - EAO AG. 704.950.0... Datasheet HTML 72Page - EAO AG. 704.950.0... Datasheet HTML 73Page - EAO AG. 704.950.0... Datasheet HTML 74Page - EAO AG. 704.950.0... Datasheet HTML 75Page - EAO AG. 704.950.0... Datasheet HTML 76Page - EAO AG. 704.950.0... Datasheet HTML 77Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
71
07.2010
04
Spare Parts
Continuation see next page
Continuation see next page
Continuation see next page
Technical drawing from page 95
Continuation see next page
Terminals: PIT = PIT Spring terminal, PT 6.3 = Plug-in terminal 6.3 mm, ST = Screw terminal, D-PT 6.3 = Double plug-in
terminal 6.3 mm
Technical drawing from page 95, Circuit drawing from page 115
Marking foil for Lens square
Marking foil
Typ-Nr.
e
Marking foil for Lens square
can be hot stamped
Plastic colourless transparent
704.707.7
0.001
Front bezel square
Front bezel
b 30 x 30 mm
Typ-Nr.
e
Front bezel square
Plastic black
704.701.0
0.002
Plastic chromium-plated
704.701.4
0.002
Plastic grey
704.701.6
0.002
Bayonet flange
Typ-Nr.
e
Bayonet flange
Metal
704.960.5
48
0.025
Plastic
704.950.5
47
0.015
Lamp block
Terminals
Typ-Nr.
e
Lamp block
Spring terminal
PIT
704.950.3
42
5
0.014
Standard
PT 6.3
704.950.1
40
5
0.012
ST
704.950.0
39
5
0.012
Terminals Cu/Sn nickel plated
D-PT 6.3
704.950.2/D
41
5
0.013
Terminals Cu/Sn nickel plated and blank
D-PT 6.3
704.950.1/D
41
5
0.013
Terminals for ring cable shoe
ST
704.950.0B
39
5
0.013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com