전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 90 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 90 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 86Page - EAO AG. 704.950.0... Datasheet HTML 87Page - EAO AG. 704.950.0... Datasheet HTML 88Page - EAO AG. 704.950.0... Datasheet HTML 89Page - EAO AG. 704.950.0... Datasheet HTML 90Page - EAO AG. 704.950.0... Datasheet HTML 91Page - EAO AG. 704.950.0... Datasheet HTML 92Page - EAO AG. 704.950.0... Datasheet HTML 93Page - EAO AG. 704.950.0... Datasheet HTML 94Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 130 page
background image
04
Marking
88
07.2010
All dimensions in mm
0
0
The gap between 2 words results in each case a letter less.
>
Height of letters 6 mm
0
Engraving legend plates
Dimension
Devices mounting
style
Height of letters
h
Number of lines
Number of (target value)
letters per line
Image
30 x 50
round, raised
3
2
12
B1
41
7
B1
81
4
B1
35 x 57.5
round, flush
3
2
12
B2
41
7
B2
81
4
B2
18 x 35
square, flush
3
3
16
B3
42
10
B3
81
6
B3
Standard texts for marking plates and marking caps for Indicator and Illuminated Pushbutton
B2
B1
B3
30
35
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com