전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 88 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 88 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 84Page - EAO AG. 704.950.0... Datasheet HTML 85Page - EAO AG. 704.950.0... Datasheet HTML 86Page - EAO AG. 704.950.0... Datasheet HTML 87Page - EAO AG. 704.950.0... Datasheet HTML 88Page - EAO AG. 704.950.0... Datasheet HTML 89Page - EAO AG. 704.950.0... Datasheet HTML 90Page - EAO AG. 704.950.0... Datasheet HTML 91Page - EAO AG. 704.950.0... Datasheet HTML 92Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 130 page
background image
04
Marking
86
07.2010
0
>
All dimensions in mm
0
0
The gap between 2 words results in each case a letter less.
>
All dimensions in mm
0
0
The gap between 2 words results in each case a letter less.
>
General notes
1. Engraving
In addition to the most commonly used world
languages, in DIN 1451-3 close spacing, other
typefaces are available as Scandinavian,
Slavic, Greek, Russian and Polish.
The lenses are filled with black or white colour.
Standard height of letters is 3 mm. If the height
is not specified, we will supply 3 mm engraved
letters.
2. Hot stamping
Standard legends and ISO symbols are hot
stamped. For larger series it is worth
considering markings by means of hot
stamping. We will pleased to advise you.
3. Film inserts
Instead of using engraving the square lenses
can be fitted with film inserts, as an alternative.
Film thickness is 0.25 mm.
Max. film size :
for Indicator 24.5 mm x 24.5 mm
for illuminated Pushbutton 21.5 x 21.5 mm.
Engraving marking cap for Indicator round, full face illumination
Height of letters
Number of lines
Number of (target value) letters per line
Line spacing
h
b1b2
b3d
3
3
11
10
9
4.6
4
287
-
6.6
8
14-
-
-
Engraving marking cap for Indicator and illuminated Pushbutton round, front illumination
Height of letters
Number of lines
Number of (target value) letters per line
Line spacing
h
b1b2
b3d
3
399
74.6
4
276
-
6.6
8
13-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com