전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 12 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 12 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 8Page - EAO AG. 704.950.0... Datasheet HTML 9Page - EAO AG. 704.950.0... Datasheet HTML 10Page - EAO AG. 704.950.0... Datasheet HTML 11Page - EAO AG. 704.950.0... Datasheet HTML 12Page - EAO AG. 704.950.0... Datasheet HTML 13Page - EAO AG. 704.950.0... Datasheet HTML 14Page - EAO AG. 704.950.0... Datasheet HTML 15Page - EAO AG. 704.950.0... Datasheet HTML 16Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
04
Mounting instruction
10
07.2010
The actuator is inserted from the front through the mounting hole and locked at
the rear by twisting the boyonet flange. The switch is fixed and positioned by
evenly tightening the two screws in the mounting flange to a max. torque of 25 ...
30 Ncm. A reducing ring can be used to fit 22.5 mm into a 30.5 mm hole.
0
>
The switching elements (max. 3) or transformers, E-stop (max. 2), can easily
be snapped in position without tools. LED's or filament lamps, as well as
marking plates can be inserted or fitted from the front.
0
>
We can supply switching elements with terminal labels inserted.
0
>
To dismantle the switching elements or transformers one arm of the snap-on
system is eased up with a screwdriver so that the snapped-on parts can
easily removed.
0
Pushbutton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com