전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 71 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 71 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 67Page - EAO AG. 704.950.0... Datasheet HTML 68Page - EAO AG. 704.950.0... Datasheet HTML 69Page - EAO AG. 704.950.0... Datasheet HTML 70Page - EAO AG. 704.950.0... Datasheet HTML 71Page - EAO AG. 704.950.0... Datasheet HTML 72Page - EAO AG. 704.950.0... Datasheet HTML 73Page - EAO AG. 704.950.0... Datasheet HTML 74Page - EAO AG. 704.950.0... Datasheet HTML 75Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
69
07.2010
04
Spare Parts
Continuation see next page
for Indicator, Pushbutton and Illuminated pushbutton for protection IP 68
Continuation see next page
for Pushbutton and Illuminated pushbutton with front illumination (IP 67)
Continuation see next page
Front protective ring to be mounted with a torque of 40 Ncm onto actuator.
Continuation see next page
Technical drawing from page 95
Front ring
Front ring
Ø 29 mm
Typ-Nr.
e
Front ring
Aluminium black
704.600.1A
0.005
Aluminium natural
704.600.1
0.005
Plastic black
704.600.0
0.003
Plastic light-grey
704.600.6
0.003
Stainless steel natural
704.600.9
0.006
Heigth 16 mm
Plastic light-grey
704.600.7
0.003
Front protective cap
Front protective cap
Typ-Nr.
e
Front protective cap
only together with Lenses 704.602.X, 704.601.X and Front rings
704.600.X
Silicone colourless transparent
704.953.0
0.002
Front protective ring
Front protective ring
Ø 29 mm
Typ-Nr.
e
Front protective ring
with transparent Pebax membrane, temperature resistance
-40 °C ... +85 °C
Aluminium natural
704.600.5/A
0.005
with transparent silicone membrane (extent resistant to sea water),
temperature resistance -40 °C ... +85 °C
Aluminium natural
704.600.3
0.005
Chromed brass
704.600.2
0.005
Bayonet flange
Typ-Nr.
e
Bayonet flange
Metal
704.960.5
48
0.025
Plastic
704.950.5
47
0.015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com