전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 47 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 47 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 43Page - EAO AG. 704.950.0... Datasheet HTML 44Page - EAO AG. 704.950.0... Datasheet HTML 45Page - EAO AG. 704.950.0... Datasheet HTML 46Page - EAO AG. 704.950.0... Datasheet HTML 47Page - EAO AG. 704.950.0... Datasheet HTML 48Page - EAO AG. 704.950.0... Datasheet HTML 49Page - EAO AG. 704.950.0... Datasheet HTML 50Page - EAO AG. 704.950.0... Datasheet HTML 51Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
04
Devices flush mounting
45
07.2010
Essential Accessories:
d Rotary selector switching element 30° page 55
d Rotary selector switching element 45° page 55
d Rotary selector switching element 60° page 56
Continuation see next page
Mounting dimensions from page 91, Technical drawing from page 95
Essential Accessories:
d Switching element page 51
Continuation see next page
In the Typ-Nr. "x" stands for not defined actuator.
Switching action: MA = Maintained action, M = Momentary action
Mounting dimensions from page 91, Technical drawing from page 95
Keylock rotary switch actuator, flush mounting
Front ring
Ø 35 mm
Typ-Nr.
e
Keylock rotary switch actuator, flush mounting
Position 0 : nine o'clock (standard)
Standard lock 251
IP 65
Aluminium natural
9 o'clock
704.123.118KN
773
0.120
Position 0 : twelve o'clock (special)
Standard lock 251
IP 65
Aluminium natural
12 o'clock
704.123.018KN
773
0.120
Key insert switch actuator 2 positions, flush mounting
Front ring
Ø 38 mm
Typ-Nr.
e
Key insert switch actuator 2 positions, flush mounting
IP 67
0-MA90°
Stainless-steel
704.101.0x28
11
1
0.130
0-M45°
Stainless-steel
704.103.0x28
11
1
0.130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com