전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 63 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 63 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 59Page - EAO AG. 704.950.0... Datasheet HTML 60Page - EAO AG. 704.950.0... Datasheet HTML 61Page - EAO AG. 704.950.0... Datasheet HTML 62Page - EAO AG. 704.950.0... Datasheet HTML 63Page - EAO AG. 704.950.0... Datasheet HTML 64Page - EAO AG. 704.950.0... Datasheet HTML 65Page - EAO AG. 704.950.0... Datasheet HTML 66Page - EAO AG. 704.950.0... Datasheet HTML 67Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
61
07.2010
04
Accessories
Continuation see next page
with traction relief; protection degree IP 68.
>
Continuation see next page
Devices 22.5 mm dia. in mounting hole size 30.5 mm dia.
Continuation see next page
With the metal bayonet flange you can use one reduction ring. If you have a plastic bayonet flange you need to install two
reduction rings.
Technical drawing from page 95
for separate mounting of lamp transformer, resistor block or capacitor block
Continuation see next page
Technical drawing from page 95
Cable gland
Typ-Nr.
e
Cable gland
M16, Plastic grey
61-9481.6
0.007
M20, Plastic grey
704.945.6
0.011
Assembling
Anti-twist ring, flush mounting
Typ-Nr.
e
Anti-twist ring, flush mounting
704.954.0
0.002
Reducing ring
Typ-Nr.
e
Reducing ring
Aluminium black
704.960.0
57
0.004
Aluminium natural
704.960.8
57
0.004
Mounting plate
Typ-Nr.
e
Mounting plate
704.940.8
36
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com