전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 82 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 82 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 78Page - EAO AG. 704.950.0... Datasheet HTML 79Page - EAO AG. 704.950.0... Datasheet HTML 80Page - EAO AG. 704.950.0... Datasheet HTML 81Page - EAO AG. 704.950.0... Datasheet HTML 82Page - EAO AG. 704.950.0... Datasheet HTML 83Page - EAO AG. 704.950.0... Datasheet HTML 84Page - EAO AG. 704.950.0... Datasheet HTML 85Page - EAO AG. 704.950.0... Datasheet HTML 86Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
80
07.2010
04
Technical Data
>
Switching system
The double-break, slow-make switching element is equipped with
one or two independent contact systems, acting as normally open
or normally closed contact. The normally closed contact has forced
opening.
Slow-make contacts with forced action are ideal for high switch
ratings.
Up to three switching elements can be snapped to each actuator.
For the emergency-stop pushbutton use the slow-make switching
element (max. 2).
Material
Material of contact
Hardsilver and gold-silver
Switch housing
Polycarbonate (PC)
Mechanical characteristics
Terminals
PIT Spring terminal
Skinning 8 mm
Wire cross-section:
Wire 0.2 to 1.0 mm²Stranded wire 0.2 to 1.0 mm² without core and
sleeve
Stranded wire 0.2 to 0.75 mm² with core and sleeve
Tightening torque
Screws at the mounting flange max. 25 Ncm
Actuating force
1 Normally closed 2 N
1 Normally open 3.1 N
Actuating travel
5.8 mm
± 0.2 mm
Rebound time
≤1 ms
Mechanical lifetime
(with 1 switching element)
0
Electrical characteristics
Standards
The switches comply with EN IEC 60947-1 / EN IEC 60947-5-1
Rated Insulation Voltage Ui
500 VAC / 600 VDC, as per EN IEC 60947-5-1
Contact resistance
New state
≤50 mΩ as per DIN IEC 60512-2-4
Isolation resistance
≥10 MΩ between open contacts at 500 VDC, as per DIN IEC 60512-
2-10
Electrical life
50 000 cycles of operations
Conventional free air thermal current Ith
6 A, as per EN IEC 60947-5-1
the maximum current in continuous operation and at ambient
temperature must not exceed the quoted maximum values.
Switch rating
At switch rating AC for gold-silver and hardsilver contacts, service
category AC-15, as per EN IEC 60947-5-1 (cos
φ 0.3)
0
At switch rating DC for gold-silver and hardsilver contacts, service
category DC-13, as per EN IEC 60947-5-1
0
Recommended minimum operational data
Gold-silver contacts:
0
Hardsilver contacts:
0
Protection class
Indicators and switches, fit for mounting into devices with protection
class II
Approvals
Approbations
CB (IEC 60947)
CCC
CSA
Germanischer Lloyd
GOST
NFF 16-102
Declaration of conformity
CE
>
Material
Housing
Polycarbonate (PC)
Mechanical characteristics
Terminals
PIT Spring terminal
Skinning 8 mm
Wire cross-section:
Wire 0.2 to 1.0 mm²Stranded wire 0.2 to 1.0 mm² without core and
sleeve
Stranded wire 0.2 to 0.75 mm² with core and sleeve
Electrical characteristics
Standards
The switches comply with EN IEC 60947-1 / EN IEC 60947-5-1
Slow-make switching element PIT
Pushbutton maintained action
1.5 million
Cycles of operation
Pushbutton momentary action
3 million
Cycles of operation
Selector switch maintained action 1.25 million Cycles of operation
Selector switch momentary action 2.5 million
Cycles of operation
Emergency-stop switch
50 000
Cycles of operation
Keylock switch maintained action
25 000
Cycles of operation
Keylock switch momentary action 50 000
Cycles of operation
Voltage
250 VAC
Current
6 A
Voltage
24 VDC
110 VDC
Current
6 A
1.0 A
Voltage
24 VDC
Current
5 mA
Voltage
24 VDC
Current
50 mA
Lamp block PIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com