전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 49 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 49 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 45Page - EAO AG. 704.950.0... Datasheet HTML 46Page - EAO AG. 704.950.0... Datasheet HTML 47Page - EAO AG. 704.950.0... Datasheet HTML 48Page - EAO AG. 704.950.0... Datasheet HTML 49Page - EAO AG. 704.950.0... Datasheet HTML 50Page - EAO AG. 704.950.0... Datasheet HTML 51Page - EAO AG. 704.950.0... Datasheet HTML 52Page - EAO AG. 704.950.0... Datasheet HTML 53Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
04
Devices flush mounting
47
07.2010
Continuation see next page
Connection types
S41: Cage clamp 1.0 ... 1.5 mm²
S42: JST connector max. 0.2 mm² (counter plug is supplied)
S43: Plug-in terminal 6.3 x 0.8 mm
S44:: Cage clamp 1.0 ... 1.5 mm²
S45: Screw terminal or plug-in terminal 6.3 x 0.8 mm.
Micro-switch contacts
The micro-switch is available with a silver contact or a gold plated silver contact.
Contact without positive opening operation:
This is used in the lever switches S41, S42 and S43. Each lever switch includes a maximum of 5 micro-switches.
Contact with positive opening operation:
This is used in the lever switches S44 and S45. Each lever switch includes a maximum of 4 micro-switches.
Levers
There are 8 alternative standard levers (02, 03, 04, 05, 11, 13, 14, 15) available. Special levers are available on request.
Front bezel
Standard front bezel in aluminium natural, can also be delivered in black version.
Note:
Typ-Nr. will be supplied once switching function has been defined including specification of lever style and switching positions.
For further information please contact your local sales office.
A detailed technical documentation is available separately.
Switching action: MA = Maintained action, M = Momentary action
Contacts: NC = Normally closed, NO = Normally open
Contact material: Ag = Silver
Lever switch
Front ring
Lever
Contacts
Ø 40 mm
Typ-Nr.
e
Lever switch
Typ S41, Lever-Nr. 11, 1 Contact element
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.151.XXX
0.230
Typ S42, Lever-Nr. 11, 1 Contact element
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.152.XXX
0.230
Typ S43, Lever-Nr. 11, 1 Contact element
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.153.XXX
0.230
Typ S44, Lever-Nr. 11, 1 Contact element
positive opened
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.154.XXX
0.230
Typ S45, Lever-Nr. 11, 1 Contact element
positive opend
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.155.XXX
0.230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com