전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 61 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 61 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 57Page - EAO AG. 704.950.0... Datasheet HTML 58Page - EAO AG. 704.950.0... Datasheet HTML 59Page - EAO AG. 704.950.0... Datasheet HTML 60Page - EAO AG. 704.950.0... Datasheet HTML 61Page - EAO AG. 704.950.0... Datasheet HTML 62Page - EAO AG. 704.950.0... Datasheet HTML 63Page - EAO AG. 704.950.0... Datasheet HTML 64Page - EAO AG. 704.950.0... Datasheet HTML 65Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
59
07.2010
04
Accessories
Lamp voltage/-current : 24 VAC, 50 mA, 50/60 Hz
Continuation see next page
Terminals: ST = Screw terminal
Technical drawing from page 95, Circuit drawing from page 115
Lamp voltage/-current : 130 V, 20mA und 60 V, 33 mA
Continuation see next page
Terminals: ST = Screw terminal
Technical drawing from page 95, Circuit drawing from page 115
Lamp voltage/-current : 130 V, 20mA
Continuation see next page
Terminals: ST = Screw terminal
Technical drawing from page 95, Circuit drawing from page 115
for fitting with series resistors
Continuation see next page
Lamp transformer
Typ-Nr.
e
Lamp transformer
Operating voltage : 115 VAC / 24 VAC
ST
704.970.3
33
9
0.100
Operating voltage : 230 VAC / 24 VAC
ST
704.970.4
33
9
0.100
Operating voltage : 400 VAC / 24 VAC
ST
704.970.5
33
9
0.100
Operating voltage : 440 VAC / 24 VAC
ST
704.970.6
33
9
0.100
Resistor block
Typ-Nr.
e
Resistor block
Operating voltage : 125 VAC / 60 VAC
ST
704.941.5
34
10
0.006
Operating voltage : 230 VAC / 130 VAC
ST
704.941.0
34
10
0.017
Resistor-diode block
Typ-Nr.
e
Resistor-diode block
Operating voltage : 230 VAC / 130 VAC
ST
704.941.9
34
11
0.017
Terminal plate empty
Typ-Nr.
e
Terminal plate empty
10 spaces 125 x 60 x 15 mm
02-912.2
0.045
15 spaces 187.5 x 60 x 15 mm
02-912.3
0.090
20 spaces 250 x 60 x 15 mm
02-912.4
0.095
5 spaces 62.5 x 60 x 15 mm
02-912.1
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com