전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 77 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 77 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 73Page - EAO AG. 704.950.0... Datasheet HTML 74Page - EAO AG. 704.950.0... Datasheet HTML 75Page - EAO AG. 704.950.0... Datasheet HTML 76Page - EAO AG. 704.950.0... Datasheet HTML 77Page - EAO AG. 704.950.0... Datasheet HTML 78Page - EAO AG. 704.950.0... Datasheet HTML 79Page - EAO AG. 704.950.0... Datasheet HTML 80Page - EAO AG. 704.950.0... Datasheet HTML 81Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
75
07.2010
04
Spare Parts
>
Continuation see next page
Switching action: MA = Maintained action, M = Momentary action
Continuation see next page
Lenses are usable for square devices in raised and flush mounting
Continuation see next page
Continuation see next page
Pushbutton and Illuminated pushbutton square
Pushbutton- and Illuminated pushbutton actuator square
Front bezel
Housing
b 35 x 35 mm
Typ-Nr.
b 30 x 30 mm
Typ-Nr.
e
Pushbutton- and Illuminated
pushbutton actuator square
MA
black
Plastic black
704.742.0
0.020
silver
Plastic black
704.742.8
0.020
M
black
Plastic black
704.741.0
0.020
silver
Plastic black
704.741.8
0.020
MA
without
Plastic black
704.732.0
0.020
Plastic grey
704.732.1
0.020
M
without
Plastic black
704.731.0
0.020
Plastic grey
704.731.1
0.020
Lens square, plastic
Lens
Typ-Nr.
e
Lens square, plastic
black opaque
704.702.0
0.001
blue transparent
704.702.6
0.001
colourless transparent
704.702.7
0.001
green transparent
704.702.5
0.001
red transparent
704.702.2
0.001
white opaque
704.702.9
0.001
yellow transparent
704.702.4
0.001
Lens holder for Lens square
Lens holder
Typ-Nr.
e
Lens holder for Lens square
can be marked
translucent white
704.709.9
0.003
LED
transparent colourless
704.709.7
0.003
Marking foil for Lens square
Marking foil
Typ-Nr.
e
Marking foil for Lens square
can be hot stamped
Plastic colourless transparent
704.707.7
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com