전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 87 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 87 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 83Page - EAO AG. 704.950.0... Datasheet HTML 84Page - EAO AG. 704.950.0... Datasheet HTML 85Page - EAO AG. 704.950.0... Datasheet HTML 86Page - EAO AG. 704.950.0... Datasheet HTML 87Page - EAO AG. 704.950.0... Datasheet HTML 88Page - EAO AG. 704.950.0... Datasheet HTML 89Page - EAO AG. 704.950.0... Datasheet HTML 90Page - EAO AG. 704.950.0... Datasheet HTML 91Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 130 page
background image
04
Application guidelines
85
07.2010
When switching inductive loads such as relays, DC motors, and DC solenoids, it is always important
to absorb surges (e.g. with a diode) to protect the contacts. When these inductive loads are switched
off, a counter emf can severely damage switch contacts and greatly shorten lifetime.
Fig. 1 shows an inductive load with a free-wheeling diode connected in parallel. This free-wheeling
diode provides a path for the inductor current to flow when the current is interrupted by the switch.
Without this free-wheeling diode, the voltage across the coil will be limited only by dielectric break-
down voltages of the circuit or parasitic elements of the coil. This voltage can be kilovolts in amplitude
even when nominal circuit voltages are low (e.g. 12 VDC) see Fig. 2.
The free-wheeling diode should be chosen so that the reverse breakdown voltage is greater than the
voltage driving the inductive load. The DC blocking voltage (VR) of the free-wheeling diode can be
found in the datasheet of a diode. The forward current should be equal or greater than the maximum
current flowing through the load.
To get an efficient protection, the free-wheeling diode must be connected as close as possible
to the inductive load!
0
Suppressor circuits
Sveral hundred
to several
thousend volts
ON
OFF
0
e = L
di
dt
__
VDC
Switch
Free-wheeling
diode
Inductive
load
Counter emf
over load without free-wheeling diode
Fig. 2
Switching with inductive load
Fig. 1
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com