전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 5 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 5 Page - EAO AG.

  704.950.0... Datasheet HTML 1Page - EAO AG. 704.950.0... Datasheet HTML 2Page - EAO AG. 704.950.0... Datasheet HTML 3Page - EAO AG. 704.950.0... Datasheet HTML 4Page - EAO AG. 704.950.0... Datasheet HTML 5Page - EAO AG. 704.950.0... Datasheet HTML 6Page - EAO AG. 704.950.0... Datasheet HTML 7Page - EAO AG. 704.950.0... Datasheet HTML 8Page - EAO AG. 704.950.0... Datasheet HTML 9Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
3
07.2010
04
Description
General notes
Series 04, a modular switching system, offers users a wide range of
possible combinations. A broad variety of actuators is available, round
or square in shape, for use as pushbuttons, keylock switches or lever-
operated switches and indicators.
Other special actuators, such as mushroom heads or emergency-stop
pushbuttons and buzzers can also be supplied.
Max. 3 switching elements, as snap-action or slow-make switches, can
be clipped as modules to each actuator. Each switching element is
equipped with 1 or 2 independent switching systems with normally
closed or normally open contact.
Anodized aluminium parts can have visible variations due production-
technical reasons.
Mounting
The series 04 pushbuttons and switches in raised version are mounted
in a 22.5 mm dia. cut-out or with appropriate adapter in 30.5 mm dia.
mounting hole.
Flush mounted devices have a 30.5 mm dia. cutout or 30 x 30 mm.
Terminals
The switching elements and the lamp blocks can be supplied with srew-
/ plug-in terminals or push-in terminals.
Lenses
Lenses of transperent plasric or aluminium are available in various
standard colours.
Marking
For further information about engraving, hot stamping and film inserts
see part Marking.
Illumination
The BA9s incandescent (filament) lamp (6, 12, 24, 36, 48, 60, 110, 130
V) ensures perfect illumination of the lenses, which are supplied in
various colours.
BA9s Single-Chip LED (6, 12, 24, 28, 48 V) are also available in blue,
green, red, white or yellow.
Luminosity and wave length scattering caused by the technology used
in the LED manufacturing processes may lead to visual differences in
our products.
Position indication
The status of a maintained action switch can be determinded by the
position of the lens.
Keylock switch
Standard lock number is 251, the last digit of Typ-Nr. = 0 (example :
704.335.0).
Additional lock numbers are available : 252 last digit = 1; 253 last digit
= 2; 254 last digit = 3; 255 last digit = 4; 256 last digit = 5; 257 last digit
= 6; 259 last digit = 8; 260 last digit = 9.
Two keys are supplied with each keylock switch.
Keyinsert switch 704.095.0T28
EAO worked with the German Railways to develop an incredibly strong
key-insert switch, which allows the conductor to close all the train's
doors at the same time from any door using so called 'remote closing'.
The switch, which has a 'massive' all-stainless steel construction, was
modified from EAO's standard Series 04 switch to actuate the remote
closing function with a single twist of the conductor's key; he can cancel
or 'revoke' the remote closing with another twist of the key.
The important difference in the EAO design and the design of the switch
they used previously is that it separates the function according to
direction; accidental operation far less likely - twist one way for remote
closing, twist the other way to cancel the remote closing.
The switch has a mechanical liftime of 150 000 cycles and is incredibly
durable to withstand the repeated use that might be necessary on every
yourney.
Rotary selector switch
The rotary selector switch of series 04 are ideal control- and instrument
switches. The switch types (CG4-1) are suitable particularly for
switching of low tension. They correspond to the regulations after EN
IEC 60947-3 and VDE 0660-Part 3.
By the special axial arrangement of the connecting terminals it is
possible to mount the switches side by side or next to the cable duct.
The contact marking remains well visible also in the mounted position.
The required space of these switches is very small.
Number structure
Nomenclature in accordance with ' CENELEC Certificate '. The
certification document we dispatch to them on demands.
Specimen order
0
We reserve the right to modify technical data
All dimensions in mm
Product Information
Illuminated pushbutton:
-
Illuminiated pushbutton actuator, 30 x 30 mm
Momentary action
Front ring plastic black
Lens plastic blue
704.229.6
Essential accessories:
-
Single-Chip LED BA9s, 24 VAC/DC, blue
10-2512.1146
-
Switching element, snap-action
1 NC + 1 NO, hard silver
srew terminal
704.900.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com