전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 66 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 66 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 62Page - EAO AG. 704.950.0... Datasheet HTML 63Page - EAO AG. 704.950.0... Datasheet HTML 64Page - EAO AG. 704.950.0... Datasheet HTML 65Page - EAO AG. 704.950.0... Datasheet HTML 66Page - EAO AG. 704.950.0... Datasheet HTML 67Page - EAO AG. 704.950.0... Datasheet HTML 68Page - EAO AG. 704.950.0... Datasheet HTML 69Page - EAO AG. 704.950.0... Datasheet HTML 70Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 130 page
background image
64
07.2010
04
Spare Parts
Continuation see next page
Circuit drawing from page 115
Continuation see next page
Continuation see next page
>
Continuation see next page
Indicator compact
Indicator actuator for Indicator compact
Housing
Ø 29 mm
Typ-Nr.
e
Indicator actuator for Indicator compact
with series resistor for 110/125 V and incandescent lamp 60 V, 33 mA
Plastic grey
704.642.1
5
0.020
with series resistor for 220/240 V and incandescent lamp 130 V, 20 mA
Plastic grey
704.642.2
5
0.009
without built-in series resistor
Plastic grey
704.642.0
5
0.006
Lens cap round, plastic
Lens cap
Ø 29 mm
Typ-Nr.
e
Lens cap round, plastic
blue transparent
704.603.6
0.003
colourless transparent
704.603.7
0.003
green transparent
704.603.5
0.003
red transparent
704.603.2
0.003
yellow transparent
704.603.4
0.003
Marking cap for Lens cap round
Marking cap
Typ-Nr.
e
Marking cap for Lens cap round
LED
Plastic colourless transparent ribbed
704.608.7
0.002
LED and Filament lamp
Plastic white translucent
704.608.9
0.002
Indicator and Flasher round, full face illumination
Indicator actuator round, full face illumination
Housing
Ø 29 mm
Typ-Nr.
e
Indicator actuator round, full face illumination
Plastic grey
704.630.1
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com