전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 53 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 53 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 49Page - EAO AG. 704.950.0... Datasheet HTML 50Page - EAO AG. 704.950.0... Datasheet HTML 51Page - EAO AG. 704.950.0... Datasheet HTML 52Page - EAO AG. 704.950.0... Datasheet HTML 53Page - EAO AG. 704.950.0... Datasheet HTML 54Page - EAO AG. 704.950.0... Datasheet HTML 55Page - EAO AG. 704.950.0... Datasheet HTML 56Page - EAO AG. 704.950.0... Datasheet HTML 57Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
51
07.2010
04
Accessories
Continuation see next page
Continuation see next page
Switching element
Switch rating
Contacts
Typ-Nr.
e
Switching element
250 VAC, 6 A
SA
1 NC
Au-Ag
PIT
704.907.2
28
7
0.020
Ag-Cu
PIT
704.908.2
28
7
0.020
1 NC + 1 NO
Au-Ag
PIT
704.907.5
28
48
0.027
Ag-Cu
PIT
704.908.5
28
48
0.027
1 NO
Au-Ag
PIT
704.907.1
28
8
0.020
Ag-Cu
PIT
704.908.1
28
8
0.020
2 NC
Au-Ag
PIT
704.907.4
28
50
0.027
Ag-Cu
PIT
704.908.4
28
50
0.027
2 NO
Au-Ag
PIT
704.907.3
28
49
0.027
Ag-Cu
PIT
704.908.3
28
49
0.027
500 VAC, 10 A
SM
1 NC
Au-Ag
ST
704.911.2
29
7
0.021
Ag-Cu
D-PT 6.3
704.915.2/D
31
7
0.025
PT 6.3
704.915.2
30
7
0.021
ST
704.910.2
29
7
0.021
Ag-Pd
ST
704.912.2
29
7
0.021
1 NC + 1 NO
Au-Ag
ST
704.911.5
29
48
0.028
Ag-Cu
D-PT 6.3
704.915.5/D
31
48
0.032
PT 6.3
704.915.5
30
48
0.028
ST
704.910.5
29
48
0.028
Ag-Pd
ST
704.912.5
29
48
0.028
1 NO
Au-Ag
ST
704.911.1
29
8
0.021
Ag-Cu
D-PT 6.3
704.915.1/D
31
8
0.025
PT 6.3
704.915.1
30
8
0.021
ST
704.910.1
29
8
0.021
Ag-Pd
ST
704.912.1
29
8
0.021
2 NC
Au-Ag
ST
704.911.4
29
50
0.028
Ag-Cu
D-PT 6.3
704.915.4/D
31
50
0.032
PT 6.3
704.915.4
30
50
0.028
ST
704.910.4
29
50
0.028
Ag-Pd
ST
704.912.4
29
50
0.028
2 NO
Au-Ag
ST
704.911.3
29
49
0.028
Ag-Cu
D-PT 6.3
704.915.3/D
31
49
0.032
PT 6.3
704.915.3
30
49
0.028
ST
704.910.3
29
49
0.028
Ag-Pd
ST
704.912.3
29
49
0.028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com