전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 70 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 70 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 66Page - EAO AG. 704.950.0... Datasheet HTML 67Page - EAO AG. 704.950.0... Datasheet HTML 68Page - EAO AG. 704.950.0... Datasheet HTML 69Page - EAO AG. 704.950.0... Datasheet HTML 70Page - EAO AG. 704.950.0... Datasheet HTML 71Page - EAO AG. 704.950.0... Datasheet HTML 72Page - EAO AG. 704.950.0... Datasheet HTML 73Page - EAO AG. 704.950.0... Datasheet HTML 74Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
68
07.2010
04
Spare Parts
Continuation see next page
Continuation see next page
Continuation see next page
Mounting dimensions from page 91
for Pushbutton and Illuminated pushbutton (IP 67)
Continuation see next page
Front bezel to be mounted with a torque of 40 Ncm onto actuator.
Lens round raised, plastic
Lens
Typ-Nr.
e
Lens round raised, plastic
colourless transparent
704.611.7
0.002
green transparent
704.611.5
0.002
red transparent
704.611.2
0.002
yellow transparent
704.611.4
0.002
Marking cap for Lens round, raised
Marking cap
Typ-Nr.
e
Marking cap for Lens round, raised
LED
Plastic colourless transparent ribbed
704.610.7
0.001
LED and Filament lamp
Plastic white translucent
704.610.9
0.001
Front bezel set for Indicator and Pushbutton, flush mounting
Front bezel
Ø 35 mm
Typ-Nr.
e
Front bezel set for Indicator and Pushbutton, flush mounting
Aluminium black
704.955.0
7
0.015
Aluminium natural
704.955.1
7
0.015
Stainless steel natural
704.955.9
7
0.033
Front bezel with protective membrane, flush mounting
Front bezel
Ø 35 mm
Typ-Nr.
e
Front bezel with protective membrane, flush mounting
with transparent silicone membrane
Aluminium black
704.955.4
0.015
Aluminium natural
704.955.3
0.015
with transparent silicone membrane, resistant to sea water
Stainless steel natural
704.955.9E
0.033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com