전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 67 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 67 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 63Page - EAO AG. 704.950.0... Datasheet HTML 64Page - EAO AG. 704.950.0... Datasheet HTML 65Page - EAO AG. 704.950.0... Datasheet HTML 66Page - EAO AG. 704.950.0... Datasheet HTML 67Page - EAO AG. 704.950.0... Datasheet HTML 68Page - EAO AG. 704.950.0... Datasheet HTML 69Page - EAO AG. 704.950.0... Datasheet HTML 70Page - EAO AG. 704.950.0... Datasheet HTML 71Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
65
07.2010
04
Spare Parts
Continuation see next page
Continuation see next page
Continuation see next page
Technical drawing from page 95
Continuation see next page
Terminals: PIT = PIT Spring terminal, PT 6.3 = Plug-in terminal 6.3 mm, ST = Screw terminal, D-PT 6.3 = Double plug-in
terminal 6.3 mm
Technical drawing from page 95, Circuit drawing from page 115
Lens cap round, plastic
Lens cap
Ø 29 mm
Typ-Nr.
e
Lens cap round, plastic
blue transparent
704.603.6
0.003
colourless transparent
704.603.7
0.003
green transparent
704.603.5
0.003
red transparent
704.603.2
0.003
yellow transparent
704.603.4
0.003
Marking cap for Lens cap round
Marking cap
Typ-Nr.
e
Marking cap for Lens cap round
LED
Plastic colourless transparent ribbed
704.608.7
0.002
LED and Filament lamp
Plastic white translucent
704.608.9
0.002
Bayonet flange
Typ-Nr.
e
Bayonet flange
Metal
704.960.5
48
0.025
Plastic
704.950.5
47
0.015
Lamp block
Terminals
Typ-Nr.
e
Lamp block
Spring terminal
PIT
704.950.3
42
5
0.014
Standard
PT 6.3
704.950.1
40
5
0.012
ST
704.950.0
39
5
0.012
Terminals Cu/Sn nickel plated
D-PT 6.3
704.950.2/D
41
5
0.013
Terminals Cu/Sn nickel plated and blank
D-PT 6.3
704.950.1/D
41
5
0.013
Terminals for ring cable shoe
ST
704.950.0B
39
5
0.013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com