전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 51 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 51 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 47Page - EAO AG. 704.950.0... Datasheet HTML 48Page - EAO AG. 704.950.0... Datasheet HTML 49Page - EAO AG. 704.950.0... Datasheet HTML 50Page - EAO AG. 704.950.0... Datasheet HTML 51Page - EAO AG. 704.950.0... Datasheet HTML 52Page - EAO AG. 704.950.0... Datasheet HTML 53Page - EAO AG. 704.950.0... Datasheet HTML 54Page - EAO AG. 704.950.0... Datasheet HTML 55Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 130 page
background image
49
07.2010
04
Accessories
Mounting hole size 30.5 mm dia.
Continuation see next page
Technical drawing from page 95
Continuation see next page
Technical drawing from page 95
Continuation see next page
Other lock numbers on request
Protective cover, flush mounting
Typ-Nr.
e
Protective cover, flush mounting
hinged, Aluminium natural, with means for sealing, for Pushbutton and Selector switch short
lever
704.928.38
53
0.019
hinged, Aluminium natural, with means for sealing, spring fitted, for Pushbutton and Selector
switch short lever
704.928.28
50
0.019
hinged, Aluminium natural, with window, spring fitted, for Pushbutton
704.928.18
52
0.019
hinged, transparent, with means for sealing, for Pushbutton
704.925.7
54
0.006
Blind plug
Blind plug
Typ-Nr.
e
Blind plug
Size 28 mm dia., for mounting hole 22.5 mm dia.
Plastic black
704.960.4
46
0.004
Size 30 x 30 mm, for mounting hole 22.5 mm dia.
Plastic black
704.964.7
43
0.009
Size 35 x 35 mm, for mounting hole 30 x 30 mm
Plastic black
704.964.9
45
0.009
Size 36 mm dia., for mounting hole 30.5 mm dia.
Plastic black
704.964.8
44
0.007
Spare key
Typ-Nr.
e
Spare key
Standard lock 251
704.989.251
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com