전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 35 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 35 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 31Page - EAO AG. 704.950.0... Datasheet HTML 32Page - EAO AG. 704.950.0... Datasheet HTML 33Page - EAO AG. 704.950.0... Datasheet HTML 34Page - EAO AG. 704.950.0... Datasheet HTML 35Page - EAO AG. 704.950.0... Datasheet HTML 36Page - EAO AG. 704.950.0... Datasheet HTML 37Page - EAO AG. 704.950.0... Datasheet HTML 38Page - EAO AG. 704.950.0... Datasheet HTML 39Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
04
Devices flush mounting
33
07.2010
Essential Accessories:
d Flasher element page 50
d Single-LED page 58
Continuation see next page
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Continuation see next page
Further information in the Technical Data and Typical Applications
Terminals: S1 = Soldering terminal (also pluggable 2.8 x 0.5 mm)
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Flasher, flush mounting
Frontbezel/-ring
Lens
b 35 x 35 mm
Typ-Nr.
Ø 35 mm
Typ-Nr.
e
Flasher, flush mounting
IP 65
Plastic black
Plastic blue
704.206.600
12
21
5
0.061
Plastic colourless
704.206.700
12
21
5
0.061
Plastic green
704.206.500
12
21
5
0.061
Plastic red
704.206.200
12
21
5
0.061
Plastic yellow
704.206.400
12
21
5
0.061
Plastic silver
Plastic blue
704.202.608
12
21
5
0.061
Plastic colourless
704.202.708
12
21
5
0.061
Plastic green
704.202.508
12
21
5
0.061
Plastic red
704.202.208
12
21
5
0.061
Plastic yellow
704.202.408
12
21
5
0.061
Aluminium natural
Plastic blue
704.006.618
721
5
0.061
Plastic colourless
704.006.718
721
5
0.061
Plastic green
704.006.518
721
5
0.061
Plastic red
704.006.218
721
5
0.061
Plastic yellow
704.006.418
721
5
0.061
Buzzer, flush mounting
Front cap
Ø 35 mm
Typ-Nr.
e
Buzzer, flush mounting
Operation voltage : 24 VDC
IP 40
Aluminium black
S1
14-810.910
7
68
1
0.016
Aluminium natural
S1
14-810.918
7
68
1
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com