전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 43 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 43 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 39Page - EAO AG. 704.950.0... Datasheet HTML 40Page - EAO AG. 704.950.0... Datasheet HTML 41Page - EAO AG. 704.950.0... Datasheet HTML 42Page - EAO AG. 704.950.0... Datasheet HTML 43Page - EAO AG. 704.950.0... Datasheet HTML 44Page - EAO AG. 704.950.0... Datasheet HTML 45Page - EAO AG. 704.950.0... Datasheet HTML 46Page - EAO AG. 704.950.0... Datasheet HTML 47Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 130 page
background image
04
Devices flush mounting
41
07.2010
Essential Accessories:
d Switching element page 51
Continuation see next page
Switching action: M = Momentary action, MA = Maintained action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Essential Accessories:
d Switching element page 51
Continuation see next page
Switching action: MA = Maintained action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Selector switch actuator 2 positions, long lever, flush mounting
0
Frontbezel/-ring
Lever
b 35 x 35 mm
Typ-Nr.
Ø 35 mm
Typ-Nr.
e
Selector switch actuator 2 positions,
long lever, flush mounting
Position A : Basic position
Position B : Momentary action 42°
IP 65
M
Plastic black
Plastic black
704.302.000
13
16
37
0.056
Plastic silver
Plastic black
704.302.008
13
16
37
0.056
Position C + B : Maintained action 90°
IP 65
MA
Plastic black
Plastic black
704.300.000
13
16
38
0.056
Plastic silver
Plastic black
704.300.008
13
16
38
0.056
Position A : Basic position
Position B : Momentary action 42°
IP 65
M
Aluminium natural
Plastic black
704.103.018
716
37
0.056
Position C + B : Maintained action 90°
IP 65
MA
Aluminium natural
Plastic black
704.101.018
716
38
0.056
Plastic black
Plastic black
704.101.010
716
38
0.056
Selector switch actuator 2 positions, long lever, 12 o'clock, flush mounting
0
Frontbezel/-ring
Lever
b 35 x 35 mm
Typ-Nr.
Ø 35 mm
Typ-Nr.
e
Selector switch actuator
2 positions, long lever,
12 o'clock, flush mounting
Position C + B : Maintained action
90°
IP 65
MA
Plastic black
Plastic black
704.300.000.12
13
16
38
0.056
Plastic silver
Plastic black
704.300.008.12
13
16
38
0.056
Aluminium natural
Plastic black
704.101.018.12
716
38
0.056
Plastic black
Plastic black
704.101.010.12
716
38
0.056
C
Maintain
90 °
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com