전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 74 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 74 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 70Page - EAO AG. 704.950.0... Datasheet HTML 71Page - EAO AG. 704.950.0... Datasheet HTML 72Page - EAO AG. 704.950.0... Datasheet HTML 73Page - EAO AG. 704.950.0... Datasheet HTML 74Page - EAO AG. 704.950.0... Datasheet HTML 75Page - EAO AG. 704.950.0... Datasheet HTML 76Page - EAO AG. 704.950.0... Datasheet HTML 77Page - EAO AG. 704.950.0... Datasheet HTML 78Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
72
07.2010
04
Spare Parts
>
Actuators usable for devices with front dimension 29 mm dia., raised mounting and 35 mm dia., flush mounting
Continuation see next page
Switching action: MA = Maintained action, M = Momentary action
Lenses are usable for round devices in raised and flush mounting
Continuation see next page
Continuation see next page
Continuation see next page
Pushbutton and Illuminated pushbutton round
Pushbutton- and Illuminated pushbutton actuator round
Housing
Typ-Nr.
e
Pushbutton- and Illuminated pushbutton actuator round
MA
Plastic grey
704.632.1
0.009
M
Plastic grey
704.631.1
0.009
Lens round, flush, plastic
Lens
Symbol
Typ-Nr.
e
Lens round, flush, plastic
black opaque
without
704.602.0
0.001
blue transparent
without
704.602.6
0.001
colourless transparent
Halo
704.602.7A01
0.001
without
704.602.7
0.001
green transparent
without
704.602.5
0.001
red transparent
without
704.602.2
0.001
yellow transparent
without
704.602.4
0.001
Marking plate for Lens round, flush
Marking plate
Typ-Nr.
e
Marking plate for Lens round, flush
Halo illumination
Plastic white translucent
704.609.9A01
0.001
LED
Plastic colourless transparent ribbed
704.609.7
0.001
LED and Filament lamp
Plastic white translucent
704.609.9
0.001
non-illuminative
Plastic black opaque
704.609.0
0.001
Lens round, metal
Lens
Ø 29 mm
Typ-Nr.
e
Lens round, metal
Aluminium black
704.601.0
0.001
Aluminium blue
704.601.6
0.001
Aluminium gold
704.601.4
0.001
Aluminium natural
704.601.8
0.001
Aluminium olive-green
704.601.5
0.001
Aluminium red
704.601.2
0.001
Stainless steel natural
704.601.9
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com