전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.950.0... 데이터시트(PDF) 84 Page - EAO AG.

부품명 704.950.0...
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.950.0... 데이터시트(HTML) 84 Page - EAO AG.

Back Button 704.950.0... Datasheet HTML 80Page - EAO AG. 704.950.0... Datasheet HTML 81Page - EAO AG. 704.950.0... Datasheet HTML 82Page - EAO AG. 704.950.0... Datasheet HTML 83Page - EAO AG. 704.950.0... Datasheet HTML 84Page - EAO AG. 704.950.0... Datasheet HTML 85Page - EAO AG. 704.950.0... Datasheet HTML 86Page - EAO AG. 704.950.0... Datasheet HTML 87Page - EAO AG. 704.950.0... Datasheet HTML 88Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
82
07.2010
04
Technical Data
Number of stages
1 to 8 positions max.
Number of contacts
1 to 16 max. normally open contacts
(contact positioning according circuit drawing)
Switching angle
Basic position of switching position "a" is 9 o'clock
0
Momentary action with release 24 °
(provide at the beginning or at the end )
Standard type of Kraus & Naimer
CG4 Hard Silver contacts with 1
μm Gold layer
CG4-1 Hard Silver contacts with 35
μm Gold layer
Electrical characteristics
Minimum Voltage
20 V
Rated Impulse Withstand Voltage Uimp
4 kV
Short Circuit Protection
Max. fuse size (gL- characteristic) 10 A
Rated short-time withstand current (1s-current) 90 A
Electrical characteristics for AC
Standards
The devices comply with : EN IEC 60947-3, VDE 0660 part 107
Rated Operational Voltage Ue
440 V
Rated Insulation Voltage Ui
440 V
Rated Thermal Current Iu/Ith
10 A
Rated Operational Current Ie
AC-15 Switching of control devices, contactors, valves etc.
0
No load operation
10 A
AC-21A Switching of resistive loads, including moderate overloads
For switchin of power >1 kW
10 A
AC-22A Switching of combined resistive or low inductive loads
including moderate overloads
0
Rated Utilization Category
AC-2 Slip ring motor starting, reversing and plugging, star-delta
starting 3 phase, 3 pole
0
AC-3 Direct-on-line starting, star-delta starting
0
AC-Direct-on-line starting, reversing, plugging and inching
0
AC-23A Frequent switching of motors or other high inductive loads
0
Overvoltage category
III, valid for lines with grounded common neutral termination
Degree of pollution
3, valid for lines with grounded common neutral termination
Electrical characteristics for AC (UL/Canada)
Rated operational voltage
300 V
Rated Insulation Voltage Ui
300 V
Rated Thermal Current
10 A
Ampere Rating
Resisitve or low inductive loads, for switching of power >1 kW, 10 A
Ratings
Standard motor load, DOL Rating (similar AC-3)
0
Pilot Duty, Heavy
300 VAC
Electrical characteristics for DC
Switch Rating DC
Resistive loads T
≤1 ms
0
Maintained action
Switching angle
12 max.
30 °
8 max.
45 °
6 max.
60 °
4 max.
90 °
110 V - 120 V
2.5 A
220 V - 240 V
2.5 A
380 V - 440 V
1.5 A
220 V - 240 V
10 A
220 V - 240 V
2.5 kW
380 V - 440 V
4.5 kW
3 phase, 3 pole
220 V - 240 V
2.5 kW
380 V - 440 V
2.2 kW
1 phase, 2 pole
110 V - 120 V
0.3 kW
220 V - 240 V
0.55 kW
380 V - 440 V
0.75 kW
3 phase, 3 pole
220 V - 240 V
0.37 kW
380 V - 440 V
0.55 kW
1 phase, 2 pole
110 V - 120 V
0.15 kW
220 V - 240 V
0.25 kW
380 V - 440 V
0.5 kW
3 phase, 3 pole
220 V - 240 V
1.8 kW
380 V - 440 V
3 kW
1 phase, 2 pole
110 V - 120 V
0.37 kW
220 V - 240 V
0.75 kW
380 V - 440 V
1.1 kW
3 phase, 3 pole
110 V - 120 V
0.75 HP
220 V - 240 V
1 HP
1 phase, 2 pole
110 V - 120 V
0.33 HP
220 V - 240 V
0.75 HP
277 V - 277 V
0.75 HP
Number of series contact(s)
Switch
Capacity
12
34
5
6
8
24 V
48 V
70 V
95 V
120 V
145 V
190 V
10 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com