| 전자부품 데이터시트 검색엔진 |
|
ORSPI4 데이터시트(PDF) 227 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ORSPI4 데이터시트(HTML) 227 Page - Lattice Semiconductor |
|
227 / 263 page ![]() Lattice Semiconductor ORCA ORSPI4 Data Sheet 227 AJ28 - - NC - - AJ27 - - NC - - AJ26 - - NC - - AH27 - - NC - - AH26 - - NC - - AG27 - - NC - - AG26 - - NC - - AF27 - - NC - - AF26 - - NC - - C3 - - NC - - AH25 - - NC - - AH29 - - NC - - AH28 - - NC - - AK29 - - NC - - AK28 - - NC - - AK27 - - NC - - AK26 - - NC - - AK25 - - NC - - AP29 - - NC - - AP28 - - NC - - C2 - - NC - - AP27 - - NC - - AP26 - - NC - - AN29 - - NC - - AN28 - - NC - - AN27 - - NC - - AN26 - - NC - - AM29 - - NC - - AM28 - - NC - - AM27 - - NC - - AM26 - - NC - - D1 - - NC - - AL29 - - NC - - AL28 - - NC - - AL27 - - NC - - AL26 - - NC - - A32 - - NC - - A33 - - NC - - A34 - - NC - - AL30 - - NC - - B34 - - NC - - B33 - - NC - - A1 - - VSS VSS - - Table 86. 1156 fpBGA Pin Table (Continued) F1156 Ball VDDIO Bank VREF Group I/O Pin Description Additional Function F1156 Pair |