전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8321EVRADDC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MPC8321EVRADDC Datasheet

  • # Example questions: ➢ What is the role of the security engine within the mpc8323e, and which cryptographic algorithms does it support?
    ➢ What are the primary protocols supported by the quicc engine's universal communication controllers (uccs)?
    ➢ What are the options for ethernet interfaces supported by the mpc8323e?

  • Part No.MPC8321EVRADDC
    ManufacturerFREESCALE
    Size1Mb
    Pages82 pages
    DescriptionPowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
    Datasheet Summary with AI

    1. Overview & Functionality

    ️· What it is: The MPC8323E is a PowerQUICC II Pro Integrated Communications Processor. It's a complex chip designed for communication and networking applications.
    ️· Core Purpose: To integrate various communications peripherals onto a single chip, offering flexibility and efficient system design.
    ️· Key Blocks: It consists of several functional blocks:
    - Core: A 32-bit RISC controller.
    - QUICC Engine Block: This is the central communication complex.
    - Security Engine: For cryptographic operations (e.g., IPSec).
    - DDR Memory Controller: Manages DDR1/DDR2 memory.
    - PCI Controller: For PCI bus connectivity.
    - Programmable Interrupt Controller (PIC): Handles interrupts.

    2. QUICC Engine Block – Communication Capabilities

    ️· Supported Protocols & Interfaces (Some Concurrent):
    - 10/100 Mbps Ethernet
    - IP (IPv4 & IPv6)
    - ATM (with UTOPIA interface – MPC8323E & MPC8323 only)
    - HDLC (various types)
    - UART
    - BISYNC
    - QUICC Multi-Channel Controller (QMC) – for TDM channels
    - UL2 interface with 31 multi-PHY addresses.
    - SPI (Serial Peripheral Interface – dedicated one for Ethernet PHY management)
    - TDM Interfaces (up to four)
    - Baud Rate Generators (13 independent)
    - Timers (four independent, can be interconnected)
    ️· UTOPIA: MPC8323E and MPC8323 support UTOPIA interfaces.

    3. Security Engine

    ️· Cryptography Support: Optimized for applications like IPSec, IEEE 802.11i and iSCSI.
    ️· Components:
    - DEU (DES/3DES Execution Unit)
    - AESU (Advanced Encryption Standard Unit)
    - MDEU (Message Digest Execution Unit – MD5, SHA1, SHA-256, HMAC)
    - Crypto-Channel

    4. Memory & Bus Interfaces

    ️· DDR Memory Controller:
    - DDR1/DDR2 Support
    - Up to 266 MHz data rate
    - Single 32-bit interface
    ️· PCI Controller:
    - PCI 2.3 compliant
    - 32-bit data
    - Up to 66 MHz
    - Host and Agent modes

    5. Electrical Characteristics (Highlights)

    ️· Absolute Maximum Ratings: Specifies limits beyond which the chip might be damaged. Includes voltage ranges, temperatures, etc. *Pay close attention to the cautions about input voltage limits.*
    ️· Operating Conditions: (Not detailed, but implies there are defined operating conditions beyond the absolute maximums where the chip will function reliably).

    Important Notes & Caveats

    ️· MPC8323E vs. MPC8323: There are slight differences between these models (e.g., UTOPIA support). Confirm which model you're using.
    ️· Cautions: The electrical characteristics section includes cautions about input voltage levels. These are crucial for avoiding damage to the chip.
    ️· Complex Device: This is a highly integrated device. Fully utilizing its capabilities requires in-depth understanding of its architecture and peripherals.

    1. Overview & Functionality

    ️· What it is: The MPC8323E is a PowerQUICC II Pro Integrated Communications Processor. It's a complex chip designed for communication and networking applications.
    ️· Core Purpose: To integrate various communications peripherals onto a single chip, offering flexibility and efficient system design.
    ️· Key Blocks: It consists of several functional blocks:
    - Core: A 32-bit RISC controller.
    - QUICC Engine Block: This is the central communication complex.
    - Security Engine: For cryptographic operations (e.g., IPSec).
    - DDR Memory Controller: Manages DDR1/DDR2 memory.
    - PCI Controller: For PCI bus connectivity.
    - Programmable Interrupt Controller (PIC): Handles interrupts.

    2. QUICC Engine Block – Communication Capabilities

    ️· Supported Protocols & Interfaces (Some Concurrent):
    - 10/100 Mbps Ethernet
    - IP (IPv4 & IPv6)
    - ATM (with UTOPIA interface – MPC8323E & MPC8323 only)
    - HDLC (various types)
    - UART
    - BISYNC
    - QUICC Multi-Channel Controller (QMC) – for TDM channels
    - UL2 interface with 31 multi-PHY addresses.
    - SPI (Serial Peripheral Interface – dedicated one for Ethernet PHY management)
    - TDM Interfaces (up to four)
    - Baud Rate Generators (13 independent)
    - Timers (four independent, can be interconnected)
    ️· UTOPIA: MPC8323E and MPC8323 support UTOPIA interfaces.

    3. Security Engine

    ️· Cryptography Support: Optimized for applications like IPSec, IEEE 802.11i and iSCSI.
    ️· Components:
    - DEU (DES/3DES Execution Unit)
    - AESU (Advanced Encryption Standard Unit)
    - MDEU (Message Digest Execution Unit – MD5, SHA1, SHA-256, HMAC)
    - Crypto-Channel

    4. Memory & Bus Interfaces

    ️· DDR Memory Controller:
    - DDR1/DDR2 Support
    - Up to 266 MHz data rate
    - Single 32-bit interface
    ️· PCI Controller:
    - PCI 2.3 compliant
    - 32-bit data
    - Up to 66 MHz
    - Host and Agent modes

    5. Electrical Characteristics (Highlights)

    ️· Absolute Maximum Ratings: Specifies limits beyond which the chip might be damaged. Includes voltage ranges, temperatures, etc. *Pay close attention to the cautions about input voltage limits.*
    ️· Operating Conditions: (Not detailed, but implies there are defined operating conditions beyond the absolute maximums where the chip will function reliably).

    Important Notes & Caveats

    ️· MPC8323E vs. MPC8323: There are slight differences between these models (e.g., UTOPIA support). Confirm which model you're using.
    ️· Cautions: The electrical characteristics section includes cautions about input voltage levels. These are crucial for avoiding damage to the chip.
    ️· Complex Device: This is a highly integrated device. Fully utilizing its capabilities requires in-depth understanding of its architecture and peripherals.

    Part No.MPC8321EVRADDC
    ManufacturerFREESCALE
    Size1Mb
    Pages82 pages
    DescriptionPowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications