전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8321EVRADDC 데이터시트(PDF) 56 Page - Freescale Semiconductor, Inc

부품명 MPC8321EVRADDC
상세설명  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321EVRADDC 데이터시트(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8321EVRADDC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8321EVRADDC Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
56
Freescale Semiconductor
Package and Pin Listings
Power and Ground Supplies
AVDD1P3
I
AVDD1—
AVDD2
AA1
I
AVDD2—
AVDD3
AB15
I
AVDD3—
AVDD4C24
I
AVDD4—
MVREF1
AB8
I
DDR
reference
voltage
MVREF2
AB17
I
DDR
reference
voltage
PCI
PCI_INTA /IRQ_OUT
AF2
O
OVDD
2
PCI_RESET_OUT
AE2
O
OVDD
PCI_AD0/MSRCID0 (DDR ID)
L1
IO
OVDD
PCI_AD1/MSRCID1 (DDR ID)
L2
IO
OVDD
PCI_AD2/MSRCID2 (DDR ID)
M1
IO
OVDD
PCI_AD3/MSRCID3 (DDR ID)
M2
IO
OVDD
PCI_AD4/MSRCID4 (DDR ID)
L3
IO
OVDD
PCI_AD5/MDVAL (DDR ID)
N1
IO
OVDD
PCI_AD6
N2
IO
OVDD
PCI_AD7
M3
IO
OVDD
PCI_AD8
P1
IO
OVDD
PCI_AD9
R1
IO
OVDD
PCI_AD10
N3
IO
OVDD
PCI_AD11
N4
IO
OVDD
PCI_AD12
T1
IO
OVDD
PCI_AD13
R2
IO
OVDD
PCI_AD14/ECID_TMODE_IN
T2
IO
OVDD
PCI_AD15
U1
IO
OVDD
PCI_AD16
Y2
IO
OVDD
PCI_AD17
Y1
IO
OVDD
PCI_AD18
AA2
IO
OVDD
PCI_AD19
AB1
IO
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com