전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 23 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 148 page
background image
Reset, Stop, Mode Select, and Interrupt Timing
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-7
3.9
Reset, Stop, Mode Select, and Interrupt Timing
Table 3-7 Reset, Stop, Mode Select, and Interrupt Timing1
No.
Characteristics
Expression2
Min
Max
Unit
8Delay from
RESET assertion to all pins at reset value3
——
26.0
ns
9
Required
RESET duration4
• Power on, external clock generator, PLL disabled
50
× ET
C
500.0
ns
• Power on, external clock generator, PLL enabled
1000
× ET
C
10.0
ns
• Power on, internal oscillator
75000
× ET
C
0.75
μs
• During STOP, XTAL disabled (PCTL Bit 16 = 0)
75000
× ET
C
0.75
ms
• During STOP, XTAL enabled (PCTL Bit 16 = 1)
2.5
× T
C
25.0
ms
• During normal operation
2.5
× T
C
25.0
ns
10
Delay from asynchronous
RESET deassertion to first
external address output (internal reset deassertion)5
• Minimum
3.25
× T
C + 2.0
34.5
ns
• Maximum
20.25 TC + 7.50
211.5
ns
13
Mode select setup time
30.0
ns
14
Mode select hold time
0.0
ns
15
Minimum edge-triggered interrupt request assertion width
6.6
ns
16
Minimum edge-triggered interrupt request deassertion width
6.6
ns
17
Delay from
IRQA, IRQB, IRQD, NMI assertion to external
memory access address out valid
• Caused by first interrupt instruction fetch
4.25
× T
C + 2.0
44.5
ns
• Caused by first interrupt instruction execution
7.25
× T
C + 2.0
74.5
ns
18
Delay from
IRQA, IRQB, IRQD, NMI assertion to
general-purpose transfer output valid caused by first
interrupt instruction execution
10
× T
C + 5.0
105.0
ns
19
Delay from address output valid caused by first interrupt
instruction execute to interrupt request deassertion for level
sensitive fast interrupts 6, 7
3.75
× T
C + WS × TC – 10.94
ns
20
Delay from
RD assertion to interrupt request deassertion
for level sensitive fast interrupts6, 7
3.25
× T
C + WS × TC – 10.94
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More