전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 35 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-19
152
Last RD assertion to RAS deassertion
tROH
1.5
× T
C − 4.0
71.0
46.0
ns
153
RD assertion to data valid
tGA
TC − 7.5
42.5
25.8
ns
154
RD deassertion to data not valid 6
tGZ
0.0
0.0
ns
155
WR assertion to data active
0.75
× T
C − 0.3
37.2
24.7
ns
156
WR deassertion to data high
impedance
0.25
× T
C
12.5
8.3
ns
1 The number of wait states for Page mode access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 All the timings are calculated for the worst case. Some of the timings are better for specific cases (e.g., t
PC equals 2 × TC for
read-after-read or write-after-write sequences).
4 Reduced DSP clock speed allows use of Page Mode DRAM with one Wait state (See
Figure 3-14.).
5 BRW[1:0] (DRAM control register bits) defines the number of wait states that should be inserted in each DRAM out-of-page
access.
6 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
Table 3-9 DRAM Page Mode Timings, One Wait State (Low-Power Applications)1, 2, 3 (continued)
No.
Characteristics
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com