전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 43 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-27
Figure 3-14 DRAM Out-of-Page Wait States Selection Guide
Table 3-13 DRAM Out-of-Page and Refresh Timings, Four Wait States1, 2
No.
Characteristics3
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max
157
Random read or write cycle time
tRC
5
× T
C
250.0
166.7
ns
158
RAS assertion to data valid (read)
tRAC
2.75
× T
C − 7.5
130.0
84.2
ns
159
CAS assertion to data valid (read)
tCAC
1.25
× T
C − 7.5
55.0
34.2
ns
160
Column address valid to data valid
(read)
tAA
1.5
× T
C − 7.5
67.5
42.5
ns
161
CAS deassertion to data not valid
(read hold time)
tOFF
0.0
0.0
ns
162
RAS deassertion to RAS assertion
tRP
1.75
× T
C − 4.0
83.5
54.3
ns
163
RAS assertion pulse width
tRAS
3.25
× T
C − 4.0
158.5
104.3
ns
164
CAS assertion to RAS deassertion
tRSH
1.75
× T
C − 4.0
83.5
54.3
ns
Chip Frequency
(MHz)
DRAM Type
(tRAC ns)
100
80
70
50
66
80
100
4 Wait States
8 Wait States
11 Wait States
15 Wait States
Note: This figure should be use for primary selection. For exact and
detailed timings see the following tables.
60
40
120
AA0475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com