전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 63 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
Enhanced Serial Audio Interface Timing
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-47
3.13
Enhanced Serial Audio Interface Timing
Table 3-20 Enhanced Serial Audio Interface Timing
No.
Characteristics1, 2, 3
Symbol
Expression
Min
Max
Condition4 Unit
430
Clock cycle5
tSSICC
4
× T
C
40.0
i ck
ns
3
× T
C
30.0
x ck
TXC:max[3*tc; t454]
40.0
x ck
431
Clock high period
• For internal clock
2
× T
C − 10.0
10.0
ns
• For external clock
1.5
× T
C
15.0
432
Clock low period
• For internal clock
2
× TC − 10.0
10.0
ns
• For external clock
1.5
× T
C
15.0
433
RXC rising edge to FSR out (bl) high
37.0
22.0
x ck
i ck a
ns
434
RXC rising edge to FSR out (bl) low
37.0
22.0
x ck
i ck a
ns
435
RXC rising edge to FSR out (wr) high6
——
39.0
24.0
x ck
i ck a
ns
436
RXC rising edge to FSR out (wr) low6
——
39.0
24.0
x ck
i ck a
ns
437
RXC rising edge to FSR out (wl) high
36.0
21.0
x ck
i ck a
ns
438
RXC rising edge to FSR out (wl) low
37.0
22.0
x ck
i ck a
ns
439
Data in setup time before RXC (SCK in
synchronous mode) falling edge
——
0.0
19.0
x ck
i ck
ns
440
Data in hold time after RXC falling edge
5.0
3.0
x ck
i ck
ns
441
FSR input (bl, wr) high before RXC falling
edge6
——
23.0
1.0
x ck
i ck a
ns
442
FSR input (wl) high before RXC falling edge
1.0
23.0
x ck
i ck a
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com