전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 97 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
A-13
5.60V
-41.886m
-24.570m
-65.505m
5.70V
-42.370m
-24.880m
-66.214m
5.80V
-42.899m
-25.217m
-66.983m
5.90V
-43.473m
-25.585m
-67.815m
6.00V
-44.095m
-25.983m
-68.711m
6.10V
-44.769m
-26.415m
-69.678m
6.20V
-45.498m
-26.884m
-70.721m
6.30V
-46.287m
-27.390m
-71.848m
6.40V
-47.140m
-27.929m
-73.065m
6.50V
-48.049m
-28.487m
-74.374m
6.60V
-48.990m
-29.080m
-75.748m
|
[GND_clamp]
|
|Voltage
I(typ)
I(min)
I(max)
|
-3.30V
-1.875
-1.074
-2.155
-3.20V
-1.793
-1.029
-2.059
-3.10V
-1.711 -983.769m
-1.963
-2.90V
-1.548 -893.934m
-1.771
-2.80V
-1.466 -849.075m
-1.675
-2.70V
-1.385 -804.259m
-1.579
-2.60V
-1.303 -759.493m
-1.483
-2.50V
-1.221 -714.781m
-1.388
-2.40V
-1.140 -670.131m
-1.292
-2.30V
-1.059 -625.551m
-1.197
-2.20V
-977.740m -581.052m
-1.102
-2.10V
-896.779m -536.646m
-1.007
-1.90V
-735.452m -448.180m -817.639m
-1.80V
-655.177m -404.167m -723.415m
-1.70V
-575.247m -360.345m -629.593m
-1.60V
-495.766m -316.761m -536.300m
-1.50V
-416.883m -273.485m -443.735m
-1.40V
-338.844m -230.621m -352.227m
-1.30V
-262.072m -188.330m -262.388m
-1.20V
-187.399m -146.893m -175.537m
-1.10V
-116.760m -106.842m
-95.235m
-0.90V
-16.027m
-37.031m
-6.614m
-0.80V
-2.255m
-14.321m
-2.370m
-0.70V
-476.049u
-2.884m -845.183u
-0.60V
-85.878u -295.501u -147.930u
-0.50V
-8.033u
-33.646u
-9.999u
-0.40V
-432.308n
-3.576u -310.979n
-0.30V
-20.878n -340.971n
-8.597n
-0.20V
-968.068p
-30.900n -262.449p
-0.10V
-75.987p
-2.564n
-47.610p
0.00V
-36.990p -214.009p
-38.210p
0.10V
-30.869p
-34.018p
-33.249p
0.20V
-25.858p
10.263p
-28.510p
0.30V
-21.307p
45.181p
-24.206p
0.40V
-17.033p
78.801p
-20.171p
0.50V
-12.783p
111.888p
-16.150p
0.60V
-8.537p
144.645p
-12.130p
0.70V
-4.293p
177.177p
-8.110p
0.80V
-49.635f
209.548p
-4.091p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com