전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 38 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
3-22
Freescale Semiconductor
Table 3-11 DRAM Page Mode Timings, Three Wait States1, 2, 3
No.
Characteristics
Symbol
Expression4
Min
Max
Unit
131
Page mode cycle time for two consecutive accesses of the
same direction
Page mode cycle time for mixed (read and write) accesses
tPC
2
× T
C
1.25
× T
C
40.0
35.0
ns
132
CAS assertion to data valid (read)
tCAC
2
× T
C − 7.0
13.0
ns
133
Column address valid to data valid (read)
tAA
3
× T
C − 7.0
23.0
ns
134
CAS deassertion to data not valid (read hold time)
tOFF
0.0
ns
135
Last CAS assertion to RAS deassertion
tRSH
2.5
× T
C − 4.0
21.0
ns
136
Previous CAS deassertion to RAS deassertion
tRHCP
4.5
× T
C − 4.0
41.0
ns
137
CAS assertion pulse width
tCAS
2
× T
C − 4.0
16.0
ns
138
Last CAS deassertion to RAS assertion5
• BRW[1:0] = 00
tCRP
2.25
× T
C − 6.0
ns
• BRW[1:0] = 01
3.75
× T
C − 6.0
ns
• BRW[1:0] = 10
4.75
× T
C − 6.0
41.5
ns
• BRW[1:0] = 11
6.75
× T
C − 6.0
61.5
ns
139
CAS deassertion pulse width
tCP
1.5
× T
C − 4.0
11.0
ns
140
Column address valid to CAS assertion
tASC
TC − 4.0
6.0
ns
141
CAS assertion to column address not valid
tCAH
2.5
× T
C − 4.0
21.0
ns
142
Last column address valid to RAS deassertion
tRAL
4
× T
C − 4.0
36.0
ns
143
WR deassertion to CAS assertion
tRCS
1.25
× T
C − 4.0
8.5
ns
144
CAS deassertion to WR assertion
tRCH
0.75
× T
C − 4.0
3.5
ns
145
CAS assertion to WR deassertion
tWCH
2.25
× T
C − 4.2
18.3
ns
146
WR assertion pulse width
tWP
3.5
× T
C − 4.5
30.5
ns
147
Last WR assertion to RAS deassertion
tRWL
3.75
× T
C − 4.3
33.2
ns
148
WR assertion to CAS deassertion
tCWL
3.25
× T
C − 4.3
28.2
ns
149
Data valid to CAS assertion (write)
tDS
0.5
× T
C − 4.0
1.0
ns
150
CAS assertion to data not valid (write)
tDH
2.5
× T
C − 4.0
21.0
ns
151
WR assertion to CAS assertion
tWCS
1.25
× T
C − 4.3
8.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com