전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 93 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
A-9
|
[Ramp]
|Voltage
I(typ)
I(min)
I(max)
|
dV/dt_f
2.04/136.004p 1.86/237.542p 2.23/85.504p
|
dV/dt_r
2.05/194.744p 1.86/343.805p 2.23/118.850p
R_load=10000ohms
| R_load was connected to ground for Ramp_up test and power for Ramp_dn test
|
|End model
[Model]
ipad5i_io
| ""
Model_type
I/O
Vinl = 0.8
Vinh = 2
| variable
typ
min
max
C_comp
4.44p
3.89p
4.56p
| variable
typ
min
max
[Temperature Range] 40.0
0.0
120.0
| variable
typ
min
max
[Voltage Range]
3.30V
3.00V
3.60V
|
[Pulldown]
| pulldown in the table = pulldown subtract gnd_clamp
|Voltage
I(typ)
I(min)
I(max)
|
-3.30V
-142.303u
-76.239u -215.182u
-3.20V
-149.700u
-80.226u -226.432u
-3.10V
-157.861u
-84.616u -238.866u
-3.00V
-166.908u
-89.472u -252.678u
-2.90V
-176.992u
-94.869u -268.107u
-2.80V
-188.295u -100.900u -285.446u
-2.70V
-201.049u -107.679u -305.068u
-2.60V
-215.545u -115.349u -327.446u
-2.50V
-232.155u -124.094u -353.191u
-2.40V
-251.367u -134.145u -383.107u
-2.30V
-273.825u -145.808u -418.273u
-2.20V
-300.403u -159.488u -460.167u
-2.10V
-332.314u -175.737u -510.874u
-2.00V
-371.286u -195.318u -573.418u
-1.90V
-419.868u -219.325u -652.360u
-1.80V
-481.968u -249.369u -754.892u
-1.70V
-563.882u -287.925u -893.013u
-1.60V
-676.382u -338.973u
-1.088m
-1.50V
-839.410u -409.300u
-1.383m
-1.40V
-1.094m -511.367u
-1.873m
-1.30V
-1.537m -670.350u
-2.819m
-1.20V
-2.451m -943.845u
-5.162m
-1.10V
-4.857m
-1.486m
-12.214m
-1.00V
-10.606m
-2.746m
-20.764m
-0.90V
-14.267m
-5.259m
-21.749m
-0.80V
-13.851m
-7.108m
-20.142m
-0.70V
-12.481m
-7.168m
-18.211m
-0.60V
-10.883m
-6.348m
-15.981m
-0.50V
-9.156m
-5.339m
-13.503m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com