전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 62 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 148 page
background image
Serial Host Interface (SHI) I2C Protocol Timing
DSP56364 Technical Data, Rev. 4.1
3-46
Freescale Semiconductor
In I2C mode, the user may select a value for the programmed serial clock cycle from
to
The programmed serial clock cycle (TI2CCP), SCL rise time (TR), and the filters selected should be chosen
in order to achieve the desired SCL frequency, as shown in Table 3-19.
EXAMPLE:
For DSP clock frequency of 100 MHz (i.e. TC = 10ns), operating in a standard-mode I2C environment
(FSCL = 100 KHz (i.e. TSCL = 10μs), TR = 1000ns), with filters bypassed
Choosing HRS = 0 gives
Thus the HDM[7:0] value should be programmed to $38 (=56).
Figure 3-22 I2C Timing
Table 3-19 SCL Serial Clock Cycle Generated as Master
Filters bypassed
TI2CCP + 2.5 × TC + 45ns + TR
Narrow filters enabled
TI2CCP + 2.5 × TC + 135ns + TR
Wide filters enabled
TI2CCP + 2.5 × TC + 223ns + TR
6TC if HDMS 50
:
[]
02
$
and HRS
1
=
=
()
×
4096 TC if HDMS 70
:
[]
FF
$
and HRS
0
=
=
()
×
T
I
2CCP
10
μs 2.5 10ns 45ns
1000ns
×
893ns
==
HDM 7 0
:
[]
8930ns
() 210ns
×
8
×
() 1
55.8
==
Start
SCL
HREQ
SDA
ACK
MSB
LSB
Stop
171
Stop
173
176
175
177
178
180
179
172
186
182
183
189
174
188
184
187
AA0275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com