전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364 데이터시트(PDF) 60 Page - Freescale Semiconductor, Inc

부품명 DSP56364
상세설명  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 데이터시트(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
Serial Host Interface (SHI) I2C Protocol Timing
DSP56364 Technical Data, Rev. 4.1
3-44
Freescale Semiconductor
3.12
Serial Host Interface (SHI) I2C Protocol Timing
Table 3-18 SHI I2C Protocol Timing
Standard I2C1
No.
Characteristics
Symbol/
Expression
Standard-Mode
Fast-Mode
Unit
Min
Max
Min
Max
Tolerable spike width on SCL or SDA
• Filters bypassed
0
0
ns
• Narrow filters enabled
50
50
ns
• Wide filters enabled
100
100
ns
171 SCL clock frequency
FSCL
100
400
kHz
172 Bus free time
TBUF
4.7
1.3
μs
173 Start condition set-up time
TSU;STA
4.7
0.6
μs
174 Start condition hold time
THD;STA
4.0
0.6
μs
175 SCL low period
TLOW
4.7
1.3
μs
176 SCL high period
THIGH
4.0
1.3
μs
177 SCL and SDA rise time
TR
1000
20 + 0.1
× C
b
300
ns
178 SCL and SDA fall time
TF
300
20 + 0.1
× C
b
300
ns
179 Data set-up time
TSU;DAT
250
100
ns
180 Data hold time
THD;DAT
0.0
0.0
0.9
μs
181 Stop condition set-up time
TSU;STO
4.0
0.6
μs
182 Capacitive load for each line
Cb
400
400
pF
183 DSP clock frequency
FDSP
• Filters bypassed
10.6
28.5
MHz
• Narrow filters enabled
11.8
39.7
MHz
• Wide filters enabled
13.1
61.0
MHz
184 HREQ in deassertion to last SCL edge
(HREQ in set-up time)
tSU;RQI
0.0
0.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com